Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2270 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
42
5.8
USB Test Modes
The Force Full Speed and Force High Speed bits of the XCVRDIAG register can be used to force the NET2270
into full and high speed modes, respectively. These forcing bits must not be used in normal operation; they are
for testing purposed only. In normal operation, the NET2270 automatically performs USB 2.0 Chirp Protocol
negotiation with the host to determine the correct operating speed.
USB 2.0 Test Mode support is provided via the Test Mode Select field of the USBTEST register. These bits select
the appropriate USB Test Mode settings (see section 9.4.9 in the USB Specification Revision 2.0 for more details).
Normally, the host sends a SET_FEATURE request with the Test Selector in the upper byte of wIndex. The Test
Selector can be copied directly into the NET2270 USBTEST register to select the correct test mode.
Note that USB Test Mode settings only have an effect if the NET2270 is in high-speed mode. Also, if the NET2270
is in high-speed mode, and the Test Mode Select field is set to non-zero, the NET2270 is prevented from switching
out of high-speed mode. Normal USB Suspend and Reset, as well as the Force Full Speed and Force High Speed
bits, are ignored for test purposes.
Note also that the NET2270 can be forced into high-speed mode (using the Force High Speed bit) even if the
NET2270 is not connected to a host controller. After selecting the high-speed mode, USB Test Modes can be
selected.
Most USB Test Modes require no further support from the NET2270 firmware. However, the Test_Packet (0x04)
Test Mode Selector requires a specific packet to be returned by the device. The NET2270 will respond correctly
by:
1. Set Test Mode Select to 0x04
2. Flush endpoint 0
3. Load the following 53 (0x35) byte packet into endpoint 0:
00 00 00 00 00 00 00 00 - 00 AA AA AA AA AA AA AA AA EE EE EE EE EE EE EE
EE FE FF FF FF FF FF FF FF FF FF FF FF 7F BF DF - EF F7 FB FD FC 7E BF DF EF
F7 FB FD 7E
You may validate the packet with your normal validation method, either pre-validating by writing 0x35 into
EP_TRANSFER[EP0] before loading the bytes, or by writing 0 to EP_TRANSFER[EP0] after loading the bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com