Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2270 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
23
4.5.3 Non-Multiplexed I/O Write
Non-multiplexed I/O writes are started when both CS# and IOW# are asserted. The address and write data must
meet the setup time with respect to the end of the write cycle. Data is written into the register or packet buffer when
either CS# or IOW# are negated. A new I/O write cycle cannot be started until the T15A recovery time has expired,
and a new I/O read transaction cannot be started until the T15B recovery timer has expired. ALE must be held low
for non-multiplexed mode.
A0
NetChip Technology; NET2270; Non-Multiplexed I/O Write; 12/10/02; IOWR.TD
A1
D0
D1
0ns
10ns
20ns
30ns
40ns
50ns
LA[4:0]
LD[15:0]
CS#
IOW#
4.5.4 Multiplexed I/O Write
Multiplexed I/O writes are started when the address is driven onto the lower bits of the data bus, and ALE is pulsed.
Once the address has been latched into the NET2270, the data phase is initiated with the assertion of both CS# and
IOW#. The write data must meet the setup time with respect to the end of the write cycle. Data is written into the
register or packet buffer when either CS# or IOW# are negated. A new I/O write transaction cannot be started until
the T15A recovery time has expired, and a new I/O read transaction cannot be started until the T15B recovery time
has expired.
NetChip Technology; NET2270; Multiplexed I/O Write; 12/10/02; IOWR_MPX.TD
D0
D1
A0
A1
0ns
10ns
20ns
30ns
40ns
50ns
60n
ALE
LD[15:0]
CS#
IOW#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com