Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2270 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
41
5.7.2 OUT Endpoint Buffers
When receiving data, the NET2270 will NAK the host (indicating that it cannot accept the data) if either the buffer
runs out of room, or if both the NAK OUT Packets Mode bit and the NAK OUT Packets bits are set. If the packets
received are of maximum size, then additional packets can be received independently of the NAK OUT Packets
Mode bit. This bit will only cause additional OUT packets to be NAKed if the last packet received was a short
packet.
If NAK OUT Packets Mode is true (blocking mode), USB OUT transfers can overlap with the local CPU unloading
the data using the following sequence:
•
Local CPU responds to the Data Packet Received Interrupt and reads the EP_AVAIL register so it knows how
many bytes are in the current packet.
•
Local CPU clears the Data Packet Received Interrupt and the NAK OUT Packets bit, allowing the next packet
to be received.
•
Now the local CPU can unload data from the buffer while the next USB OUT transaction is occurring.
If NAK OUT Packets Mode is false (non-blocking mode), the NET2270 will accept packets as long as there is room
for the complete packet in the next available buffer. Note that there are no indications of packet boundaries when
there are multiple packets in the buffers in a double-buffered configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com