Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIM Datasheet(PDF) 57 Page - ATMEL Corporation

Part # T89C51RD2-RDTIM
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIM Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIM Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 57Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 58Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 59Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
57
T89C51RD2
4243G–8051–05/03
Table 35. Default Values
After programming the part by ISP, the BSB must be reset (00h) in order to allow the
application to boot at 0000h.
The content of the Software Security Byte (SSB) is described in Table 30 and Table 31
To assure code protection from a parallel access, the HSB must also be at the required
level.
The three lock bits provide different levels of protection for the on-chip code and data,
when programmed according to Table 31.
Table 36. Program Lock bits of the SSB
Note:
U: unprogrammed or "one" level.
Note:
P: programmed or "zero" level.
Note:
X:do not care
Note:
WARNING: Security level 2 and 3 should only be programmed after Flash and code
verification.
Mnemonic
Default Value
BSB
Boot Status Byte
FFh
SBV
Software Boot Vector
FCh
HSB
Copy of the Hardware security byte
18h or 1Bh
SSB
Software Security Byte
FFh
Copy of the Manufacturer Code
58h
ATMEL Wireless and
Microcontrollers
Copy of the Device ID #1: Family Code
D7h
C51 X2, Electrically Erasable
Copy of the Device ID #2: memories size
and type
FCh
T89C51RD2 memories
size
Copy of the Device ID # 3: name and
revision
FFh
T89C51RD2, revision 0
Program Lock Bits
Protection Description
Security
level
LB0
LB1
1
U
U
No program lock features enabled.
2P
U
following commands are disabled:
- program byte
- program status byte and boot vector
- erase status byte and boot vector
3X
P
Same as 2 and following commands also disabled:
- read byte
- read status byte and boot vector
- blank check
- program SSB level2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com