Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIM Datasheet(PDF) 45 Page - ATMEL Corporation

Part # T89C51RD2-RDTIM
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIM Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIM Datasheet HTML 41Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 42Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 43Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 44Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 46Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 47Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 48Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
45
T89C51RD2
4243G–8051–05/03
Figure 19. Power-down Exit Waveform
Exit from Power-down by reset redefines all the SFRs, exit from Power-down by exter-
nal interrupt does no affect the SFRs.
Exit from Power-down by either reset or external interrupt does not affect the internal
RAM content.
Note:
If idle mode is activated with Power-down mode (IDL and PD bits set), the exit sequence
is unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and
idle mode is not entered.
Table 27 shows the state of ports during idle and power-down modes.
Port 0 can force a 0 level. A "one" will leave port floating.
INT1
INT0
XTALA
Power-down Phase
Oscillator Restart Phase
Active Phase
Active Phase
or
XTALB
Table 27. State of Ports
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Port Data
(1)
Port Data
Port Data
Port Data
Idle
External
1
1
Floating
Port Data
Address
Port Data
Power Down
Internal
0
0
Port Data
(1)
Port Data
Port Data
Port Data
Power Down
External
0
0
Floating
Port Data
Port Data
Port Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com