Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIM Datasheet(PDF) 56 Page - ATMEL Corporation

Part # T89C51RD2-RDTIM
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIM Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIM Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 57Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 58Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 59Page - ATMEL Corporation T89C51RD2-RDTIM Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
56
T89C51RD2
4243G–8051–05/03
Table 34. Program Lock bits
Note:
U: unprogrammed or "one" level.
Note:
P: programmed or "zero" level.
Note:
X:do not care
Note:
WARNING: Security level 2 and 3 should only be programmed after Flash and code
verification.
These security bits protect the code access through the parallel programming interface.
They are set by default to level 4. The code access through the ISP is still possible and
is controlled by the "software security bits" which are stored in the extra Flash memory
accessed by the ISP firmware.
To load a new application with the parallel programmer, a chip erase must first be done.
This will set the HSB in its inactive state and will erase the Flash memory, including the
boot loader and the "Extra Flash Memory" (XAF). If needed, the 1K boot loader and the
XAF content must be programmed in the Flash; the code is provided by ATMEL Wire-
less and Microcontrollers (see section 8.7. ); the part reference can always be read
using Flash parallel programming modes.
Default Values
The default value of the HSB provides parts ready to be programmed with ISP:
•
SB: Cleared to secure the content of the HSB.
•
BLJB: Cleared to force ISP operation.
•
BLLB: Clear to protect the default boot loader.
•
LB2-0: Security level four to protect the code from a parallel access with maximum
security.
Software Registers
Several registers are used, in factory and by parallel programmers, to make copies of
hardware registers contents. These values are used by ATMEL Wireless and Microcon-
trollers ISP (see section 8.7. ).
These registers are in the "Extra Flash Memory" part of the Flash memory. This block is
also called "XAF" or eXtra Array Flash. They are accessed in the following ways:
•
Commands issued by the parallel memory programmer.
•
Commands issued by the ISP software.
Calls of API issued by the application software.
They are several software registers described in Table 35
Program Lock Bits
Protection Description
Security
level
LB0
LB1
LB2
1U
U
U
No program lock features enabled. MOVC instruction executed from
external program memory returns non encrypted data.
2P
U
U
MOVC instruction executed from external program memory are disabled
from fetching code bytes from internal memory, EA is sampled and
latched on reset, and further parallel programming of the Flash is
disabled.ISP and software programming with API are still allowed.
3X
P
U
Same as 2, also verify through parallel programming interface is
disabled.
4
X
X
P
Same as 3, also external execution is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com