Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM8734EDS/R Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # XWM8734EDS/R
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM8734EDS/R Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button XWM8734EDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 33Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
30
The exact sample rates achieved are defined by the relationships in Table 11 below.
ACTUAL SAMPLING RATE
BOSR=0
BOSR=1
TARGET
SAMPLING
RATE
MCLK=12.288
MCLK=11.2896
MCLK=18.432
MCLK=16.9344
kHz
kHz
kHz
kHz
kHz
8
8.018
8
8.018
8
(12.288MHz/256) x 1/6
(11.2896MHz/256) x 2/11
(18.432MHz/384) x 1/6
(16.9344MHz/384) x 2/11
32
32
32
(12.288MHz/256) x 2/3
not available
(18.432MHz/384)x 2/3
not available
44.1
44.1
44.1
not available
11.2896MHz/256
not available
16.9344MHz /384
48
48
48
12.288MHz/256
not available
18.432MHz/384
not available
88.2
88.2
88.2
not available
(11.2896MHz/384) x 2
not available
(16.9344MHz /384) x 2
96
96
96
(12.288MHz/256) x 2
not available
(18.432MHz/384) x 2
not available
Table 11 Normal Mode Actual Sample Rates
128/192fs NORMAL MODE
The Normal Mode sample rates are designed for standard 256fs and 384fs MCLK rates. However the
WM8734 is also capable of being clocked from a 128 or 192fs MCLK for application over limited
sampling rates as shown in the table below.
SAMPLING
RATE
ADC
DAC
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
6.144
0
0
1
1
1
48
48
9.216
1
0
1
1
1
2
5.6448
0
1
1
1
1
44.1
44.1
8.4672
1
1
1
1
1
2
Table 12 128fs Normal Mode Sample Rate Look-up Table
512/768fs NORMAL MODE
512 fs and 768 fs MCLK rates can be accommodated by using the CLKIDIV2 bit. The core clock to
the DSP will be divided by 2 so an external 512/768 MCLK will become 256/384 fs internally and the
device otherwise operates as in Table 8 but with MCLK at twice the specified rate. See Table 6 for
software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com