Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM8734EDS/R Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # XWM8734EDS/R
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM8734EDS/R Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button XWM8734EDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
27
As a master mode device the WM8734 controls the sequencing of data transfer (ADCDAT,
DACDAT) and output of clocks (BCLK, ADCLRC, DACLRC) over the digital audio interface. It uses
the timing generated from either its on-board crystal or the MCLK input as the reference for the clock
and data transitions. This is illustrated in Figure 21. ADCDAT is always an output from and DACDAT
is always an input to the WM8734 independent of master or slave mode.
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8734
CODEC
DSP
ENCODER/
DECODER
Figure 21 Master Mode
As a slave device the WM8734 sequences the data transfer (ADCDAT, DACDAT) over the digital
audio interface in response to the external applied clocks (BCLK, ADCLRC, DACLRC). This is
illustrated in Figure 22.
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8734
CODEC
DSP
ENCODER/
DECODER
Figure 22 Slave Mode
Note that the WM8734 relies on controlled phase relationships between audio interface BCLK,
DACLRC and the master MCLK. To avoid any timing hazards, refer to the timing section for detailed
information.
AUDIO DATA SAMPLING RATES
The WM8734 provides for two modes of operation (normal and USB) to generate the required DAC
and ADC sampling rates. Normal and USB modes are programmed under software control according
to the table below.
In Normal mode, the user controls the sample rate by using an appropriate MCLK or crystal
frequency and the sample rate control register setting. The WM8734 can support sample rates from
8ks/s up to 96ks/s.
In USB mode, the user must use a fixed MLCK or crystal frequency of 12MHz to generate sample
rates from 8ks/s to 96ks/s. It is called USB mode since the common USB (Universal Serial Bus)
clock is at 12MHz and the WM8734 can be directly used within such systems. WM8734 can
generate all the normal audio sample rates from this one Master Clock frequency, removing the need
for different master clocks or PLL circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com