Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM8734EDS/R Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # XWM8734EDS/R
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM8734EDS/R Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button XWM8734EDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc XWM8734EDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
28
Uniquely, the WM8734 offers the user the ability to sample the ADC and DAC at different rates under
software control in both Normal and USB modes. The reduces the burden on any controlling DSP.
However, the signal processing in the ADC and DAC over-sampling filters is tightly coupled together
in order to minimise power consumption. To this end, only the combinations of sample rates listed in
the following sections are supported. Note that these rates supported are anticipated to be the likely
combinations used in typical audio systems.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
1
BOSR
0
Base Over-Sampling Rate
USB Mode
0 = 250fs
1 = 272fs
Normal Mode
96/88.2 kHz
0 = 256fs
0 = 128fs
1 = 384fs
1 = 192fs
0001000
Sampling
Control
5:2
SR[3:0]
0000
ADC and DAC sample rate control;
See USB Mode and Normal Mode
Sample Rate sections for operation
Table 9 Sample Rate Control
SAMPLE RATE SETTING
In normal mode MCLK/crystal oscillator is set up according to the desired sample rates of the ADC
and DAC. For ADC or DAC sampling rates of 8, 32, 48 or 96kHz, MCLK frequencies of either
12.288MHz (256fs) or 18.432MHz (384fs) can be used. For ADC or DAC sampling rates of 8, 44.1 or
88.2kHz from MCLK frequencies of either 11.2896MHz (256fs) or 16.9344MHz (384fs) can be used.
The table below should be used to set up the device to work with the various sample rate
combinations. For example if the user wishes to use the WM8734 in normal mode with the ADC and
DAC sample rates at 48kHz and 48kHz respectively then the device should be programmed with
BOSR = 0, SR3 = 0, SR2 = 0, SR1 = 0 and SR0 = 0 with a 12.288MHz MCLK or with BOSR = 1,
SR3 = 0, SR2 = 0, SR1 = 0 and SR0 = 0 with a 18.432MHz MCLK. The ADC and DAC will then
operate with a Digital Filter of type 1, refer to Digital Filter Characteristics section for an explanation
of the different filter types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com