Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM800 Datasheet(PDF) 33 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 33 Page - SIMCom

Back Button SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom SIM800 Datasheet HTML 32Page - SIMCom SIM800 Datasheet HTML 33Page - SIMCom SIM800 Datasheet HTML 34Page - SIMCom SIM800 Datasheet HTML 35Page - SIMCom SIM800 Datasheet HTML 36Page - SIMCom SIM800 Datasheet HTML 37Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
33
2015-08-03
If busy and (parameter setting ATX3 or ATX4)
BUSY
If a connection cannot be established
NO CARRIER
If the remote station does not answer
NO ANSWER
If connection successful and non-voice call.
CONNECT<text> TA switches to data mode.
Note: <text> output only if ATX<value> parameter setting with the
<value> >0
When TA returns to Command mode after call release
OK
If successfully connected and voice call
OK
Parameters
<str>
String type (string should be included in quotation marks) value
("x"), which should equal to an alphanumeric field in at least one phone
book entry in the searched memories. <str> formatted as current TE
character set specified by +CSCS.
<mgsm>
String of GSM modifiers:
I
Actives CLIR (Disables presentation of own number to
called party)
i
Deactivates CLIR (Enable presentation of own number to
called party)
G
Activates Closed User Group invocation for this call only
g
Deactivates Closed User Group invocation for this call only
<;>
Only required to set up voice call, return to Command state
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
V.25ter
Note
Parameter "I" and "i" only if no "*#" code is within the dial string
*# codes sent with ATD are treated as voice calls. Therefore, the Command
must be terminated with a semicolon ";"
See ATX Command for setting result code and call monitoring parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com