Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM800 Datasheet(PDF) 86 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 86 Page - SIMCom

Back Button SIM800 Datasheet HTML 82Page - SIMCom SIM800 Datasheet HTML 83Page - SIMCom SIM800 Datasheet HTML 84Page - SIMCom SIM800 Datasheet HTML 85Page - SIMCom SIM800 Datasheet HTML 86Page - SIMCom SIM800 Datasheet HTML 87Page - SIMCom SIM800 Datasheet HTML 88Page - SIMCom SIM800 Datasheet HTML 89Page - SIMCom SIM800 Datasheet HTML 90Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
86
2015-08-03
phone book memory storage selected with +CPBS. Entry fields written are
phone number <number> (in the format <type>) and text <text> associated
with the number. If those fields are omitted, phone book entry is deleted. If
<index> is left out, but <number> is given, entry is written to the first free
location in the phone book.
OK
x>[,<number>,[<t
ype>,[<text>]]]
Parameters
<nlength>
Max length of phone number
<tlength>
Max length of text for number
<index>
Location number
<number>
Phone number
<type>
Type of number;
129 National number type
145 International number type
<text>
String type (string should be included in quotation marks): text
for phone number in current TE character set specified by +CSCS.
Note:
The following characters in <text> must be entered via the
escape sequence:
GSM char.
Seq. Seq.(hex)
Note
\
\5C 5C 35 43
(backslash)
"
\22 5C 32 32
(string delimiter)
BSP
\08 5C 30 38
(backspace)
NULL
\00 5C 30 30
(GSM null)
‘0’ (GSM null) may cause problems for application layer software
when reading string lengths.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
3 seconds
Reference
3GPP TS 27.007
[13]
Note
3.2.28 AT+CPIN
Enter PIN
AT+CPIN
Enter PIN
Test Command
AT+CPIN=?
Response
OK
Read Command
AT+CPIN?
Response
TA returns an alphanumeric string indicating whether some password is
required or not.
+CPIN: <code>
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com