Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM800 Datasheet(PDF) 85 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 85 Page - SIMCom

Back Button SIM800 Datasheet HTML 81Page - SIMCom SIM800 Datasheet HTML 82Page - SIMCom SIM800 Datasheet HTML 83Page - SIMCom SIM800 Datasheet HTML 84Page - SIMCom SIM800 Datasheet HTML 85Page - SIMCom SIM800 Datasheet HTML 86Page - SIMCom SIM800 Datasheet HTML 87Page - SIMCom SIM800 Datasheet HTML 88Page - SIMCom SIM800 Datasheet HTML 89Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
85
2015-08-03
Parameters
<storage>
"ON"
SIM (or MT) own numbers (MSISDNs) list
(reading of this storage may be available through +CNUM
also). When storing information in the SIM/UICC, if a SIM
card is present or if a UICC with an active GSM application
is present, the information in EFMSISDN under
DFTelecom is selected.
"SM" SIM/UICC phonebook. If a SIM card is present or
if a UICC with an active GSM application is present, the
EFADN under DFTelecom is selected.
"ME"
ME phonebook
"FD"
SIM fix dialing-phone book. If a SIM card is
present or if a UICC with an active GSM application is
present, the information in EFFDN under DFTelecom is
selected
<used>
Integer type value indicating the total number of used
locations in selected memory
<total>
Integer type value indicating the total number of locations
in selected memory
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
3 seconds
Reference
3GPP TS 27.007
[13]
Note
3.2.27 AT+CPBW
Write Phonebook Entry
AT+CPBW
Write Phonebook Entry
Response
TA returns location range supported by the current storage, the maximum
length of <number> field, supported number formats of the storage, and
the maximum length of <text> field.
+CPBW: (list of supported <index>s), <nlength>, (list of supported
<type>s), <tlength>
OK
Test Command
AT+CPBW=?
Parameters
See Write Command
Write Command
AT+CPBW=<inde
Response
TA writes phone book entry in location number <index> in the current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com