Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 4 Page - ams AG

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8579-ASST Datasheet(HTML) 4 Page - ams AG

  AS8579-ASST Datasheet HTML 1Page - ams AG AS8579-ASST Datasheet HTML 2Page - ams AG AS8579-ASST Datasheet HTML 3Page - ams AG AS8579-ASST Datasheet HTML 4Page - ams AG AS8579-ASST Datasheet HTML 5Page - ams AG AS8579-ASST Datasheet HTML 6Page - ams AG AS8579-ASST Datasheet HTML 7Page - ams AG AS8579-ASST Datasheet HTML 8Page - ams AG AS8579-ASST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Document Feedback
AS8579
General Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 3
1
General Description
The AS8579 is a capacitive sensor that detects the change of capacity in different applications. The
capacitive sensor measures the relative change of the impedance (RealCapSense, due to our
measurement principle), dependent on the circuit. This can be used for human being detection as well
as many other applications
The IC capture the current of a metal object and applies algorithms to determine the capacitive and
resistive information (Impedance). This information can be read via SPI Interface that can be also
used for IC configuration.
This high precision performance sensor also supports a multitude of diagnostic features that meet
standard functional safety requirements up to ASIL B. The capacitive sensing IC is specifically
designed to work under high electromagnetic disturbances (EMC).
With this approach, the sensor can distinguish in a hands-on application if for example, a steering
wheel is touched or not.
The AS8579 is available in an SSOP24 package and operates at a supply voltage of 5 V.
1.1
Key Benefits & Features
The benefits and features of AS8579, Capacitive Sensor, are listed below:
Figure 1:
Added Value of Using AS8579
Benefits
Features
Accurate capacitive measurement(including
resistive information)
I/Q-signal demodulation
Higher durability and lower system costs
VAR_SEN & FIX_SEN function to avoid parasitic
influences from cable and PCB
Enabler for safety critical applications
Processed according functional safety standard
Suitable for automotive applications
AEC-Q100 Grade 1 qualified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com