Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 12 Page - ams AG

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8579-ASST Datasheet(HTML) 12 Page - ams AG

Back Button AS8579-ASST Datasheet HTML 8Page - ams AG AS8579-ASST Datasheet HTML 9Page - ams AG AS8579-ASST Datasheet HTML 10Page - ams AG AS8579-ASST Datasheet HTML 11Page - ams AG AS8579-ASST Datasheet HTML 12Page - ams AG AS8579-ASST Datasheet HTML 13Page - ams AG AS8579-ASST Datasheet HTML 14Page - ams AG AS8579-ASST Datasheet HTML 15Page - ams AG AS8579-ASST Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Document Feedback
AS8579
Electrical Characteristics
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 11
5.3
Sensor Driver
The Sensor Driver has the ability to drive a continuously changing load of 20 pF to 2000 pF in parallel
with 5
kΩ, with a 1.0 Vp-p AC term over a frequency range of 45 kHz – 125 kHz. The driver (gain
1 V/V) provides a low impedance output to drive the sensor lines (SEN0
– SEN9).
Figure 8:
Output Driver and Current Sensing
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SD_VDC
Output DC voltage
1.18
1.23
1.28
V
SD_AC2
Output voltage, TXV=2
1.020
1.070
1.120
Vpp
SD_AC1
Output voltage, TXV=1
0.510
0.535
0.560
Vpp
IOUT_AC
Output AC peak current
8.5
mA
I_SHORT
Output short current to GND
50
mA
SD_GAIN
Gain closed loop
0.99
1
1.01
V/V
ROUT
Output impedance closed
loop
10
Ω
CLOAD
Output total load capacitance
0
2000
pF
5.4
Diagnostic Thresholds
In Figure 9 the thresholds are shown, which will trigger setting the Diagnostics in the Status Register
(see 7.2.2).
Positive Diagnostic threshold must be higher than max level of the diagnosed signal.
Negative Diagnostic threshold must be lower than min level of the diagnosed signal.
Figure 9:
Diagnostic Threshold Levels
Symbol
Parameter
Min
Typ
Max
Unit
REGF_L
VREG detection threshold low
3.0
3.15
3.3
V
REGF_H
VREG detection threshold high
3.6
3.8
4
V
BPFF_L
Detection threshold low
0.25
0.3
0.33
V
BPFF_H
Detection threshold high
VREG-0.33
VREG-0.30
VREG-0.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com