Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 21 Page - ams AG

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8579-ASST Datasheet(HTML) 21 Page - ams AG

Back Button AS8579-ASST Datasheet HTML 17Page - ams AG AS8579-ASST Datasheet HTML 18Page - ams AG AS8579-ASST Datasheet HTML 19Page - ams AG AS8579-ASST Datasheet HTML 20Page - ams AG AS8579-ASST Datasheet HTML 21Page - ams AG AS8579-ASST Datasheet HTML 22Page - ams AG AS8579-ASST Datasheet HTML 23Page - ams AG AS8579-ASST Datasheet HTML 24Page - ams AG AS8579-ASST Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Document Feedback
AS8579
Functional Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 20
Figure 15:
Read/Write Command
All Write commands are 3 bytes long with the order: command, data high, data low. For these
commands data will always be sent and received in Big Endian format; i.e. most significant byte first.
Incoming data will be padded with zeros to fill the 2 data bytes. The first returned byte will be an echo
of the command. The second and third bytes will return 0x00. Following the third byte, subsequent
clocks will return a ‘0’.
Most Read commands are 3 bytes long with the order: command, data high, data low. When reading I
and Q registers at the same time for a “quick read” 5 bytes are required in this order: command, I data,
I data, Q data, Q data. For all Read commands data will always be sent and received in Big Endian
format; i.e. most significant byte first. The 2 or 4 bytes of data from the host should all be 0x00. The
first returned byte will be an echo of the command. The second through fifth bytes will return the data
in the register(s) being read. Following the third/fifth byte, subsequent clocks will return the last data
bit.
Figure 16:
Quick Read Command
Quick Read I and Q Data Register (0x03 and 0x04):
LSB
MSB
ADDR[23:16]
DATA2[7:0]
LSB
MSB
23
0
8 7
DATA1[15:8]
16 15
CMD
DATA2[7:0]
23
0
8 7
DATA1[15:8]
16 15
MISO
MOSI
CS
LSB
MSB
LSB
MSB
CMD
IDATA1[31:24]
IDATA2[23:16]
QDATA1[15:8]
QDATA2[7:0]
39
0
0x00
0x00
0x00
0x00
0x90
8 7
16 15
24 23
32 31
39
0
8 7
16 15
24 23
32 31
CS
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com