Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2450TL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPA2450TL
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2450TL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPA2450TL Datasheet HTML 2Page - Renesas Technology Corp UPA2450TL Datasheet HTML 3Page - Renesas Technology Corp UPA2450TL Datasheet HTML 4Page - Renesas Technology Corp UPA2450TL Datasheet HTML 5Page - Renesas Technology Corp UPA2450TL Datasheet HTML 6Page - Renesas Technology Corp UPA2450TL Datasheet HTML 7Page - Renesas Technology Corp UPA2450TL Datasheet HTML 8Page - Renesas Technology Corp UPA2450TL Datasheet HTML 9Page - Renesas Technology Corp UPA2450TL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet G15612EJ1V0DS
4
µµµµPA2450
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
10
100
ID - Drain Current - A
TA = 125˚C
25˚C
50
Pulsed
VGS = 2.5 V
−25˚C
10
20
30
40
75˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
10
100
ID - Drain Current - A
TA = 125˚C
30
Pulsed
VGS = 3.1 V
−25˚C
10
15
20
25
75˚C
25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
10
100
ID - Drain Current - A
TA = 125˚C
25
Pulsed
VGS = 4.0 V
−25˚C
5
10
15
20
75˚C
25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
10
100
ID - Drain Current - A
TA = 125˚C
25
Pulsed
VGS = 4.5 V
5
10
15
20
75˚C
25˚C
−25˚C
DRAIN TO SOURCE ON - STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -˚C
−50
0
50
100
150
20
25
15
35
VGS = 2.5 V
4.0 V
4.5 V
30
10
5
0
0
10
20
30
40
2
4
6
810
VGS - Gate to Source Voltage - V
ID = 4.0 A
1.0 A
Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com