Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2450TL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPA2450TL
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2450TL Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPA2450TL Datasheet HTML 1Page - Renesas Technology Corp UPA2450TL Datasheet HTML 2Page - Renesas Technology Corp UPA2450TL Datasheet HTML 3Page - Renesas Technology Corp UPA2450TL Datasheet HTML 4Page - Renesas Technology Corp UPA2450TL Datasheet HTML 5Page - Renesas Technology Corp UPA2450TL Datasheet HTML 6Page - Renesas Technology Corp UPA2450TL Datasheet HTML 7Page - Renesas Technology Corp UPA2450TL Datasheet HTML 8Page - Renesas Technology Corp UPA2450TL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet G15612EJ1V0DS
3
µµµµPA2450
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
FORWARD BIAS SAFE OPERATING AREA
10
100
1
VDS - Drain to Source Voltage - V
100
10
1
0.1
0.1
0.01
1000
RDS(on)
Limited
(@V
GS
=
4.5
V)
ID (pulse)
ID (DC)
PW = 10 s
PW = 100 s
PW = 1 ms
PW = 10 ms
PW = 100 ms
DC
(2 units)
DC
(1 unit)
Single Pulse
PD (FET1):PD (FET2) =1:1
µ
µ
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.2
0.0
0.8
1.0
0.4
0.6
10
0
30
20
40
Pulsed
VGS = 4.5 V
4.0 V
2.5 V
0.5
0
1.0
1.5
2.0
2.5
3.0
100
10
1
0.1
VGS - Gate to Sorce Voltage - V
0.01
0.001
25˚C
−25˚C
75˚C
TA = 125˚C
VDS = 10 V
Pulsed
FORWARD TRANSFER CHARACTERISTICS
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
50
100
0
150
1.5
1.0
0.5
1
10
100
0.1
VDS = 10 V
Pulsed
ID - Drain Current - A
1
10
0.1
0.01
0.01
100
25˚C
−25˚C
75˚C
TA = 125˚C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com