Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2450TL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPA2450TL
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2450TL Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPA2450TL Datasheet HTML 1Page - Renesas Technology Corp UPA2450TL Datasheet HTML 2Page - Renesas Technology Corp UPA2450TL Datasheet HTML 3Page - Renesas Technology Corp UPA2450TL Datasheet HTML 4Page - Renesas Technology Corp UPA2450TL Datasheet HTML 5Page - Renesas Technology Corp UPA2450TL Datasheet HTML 6Page - Renesas Technology Corp UPA2450TL Datasheet HTML 7Page - Renesas Technology Corp UPA2450TL Datasheet HTML 8Page - Renesas Technology Corp UPA2450TL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet G15612EJ1V0DS
2
µµµµPA2450
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS = ±12 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1.0 mA
0.5
1.0
1.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 4.0 A
5.0
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 4.5 V, ID = 4.0 A
11
14
17.5
m
Ω
RDS(on)2
VGS = 4.0 V, ID = 4.0 A
11.5
14.5
18.5
m
Ω
RDS(on)3
VGS = 3.1 V, ID = 4.0 A
12.0
16.5
22.0
m
Ω
RDS(on)4
VGS = 2.5 V, ID = 4.0 A
15.3
20.5
27.5
m
Ω
Input Capacitance
Ciss
VDS = 10 V
540
pF
Output Capacitance
Coss
VGS = 0 V
200
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
120
pF
Turn-on Delay Time
td(on)
VDD = 10 V, ID = 4.0 A
40
ns
Rise Time
tr
VGS = 4.0 V
160
ns
Turn-off Delay Time
td(off)
RG = 6.0
Ω
190
ns
Fall Time
tf
200
ns
Total Gate Charge
QG
VDD = 16 V
9.0
nC
Gate to Source Charge
QGS
VGS = 4.0 V
1.5
nC
Gate to Drain Charge
QGD
ID = 8.6 A
4.5
nC
Body Diode Forward Voltage
VF(S-D)
IF = 8.6 A, VGS = 0 V
0.83
V
Reverse Recovery Time
trr
IF = 8.6 A, VGS = 0 V
300
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A /
µs
760
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com