Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 26 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments OPAX607 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
9.2.2 Front-End Gain and Filtering
+
±
+
±
R2
R1
RBIAS
-VBIAS
RISO
RP
VS+
VS+
VS-
VS-
C1
C2
CSH
High-Gain Band Pass Filt er
High-Speed Peak Detector
D1
D2
Figure 9-3. High-Gain Narrow Bandpass Filter and Peak Detector Circuit
Ultrasonic signaling is used for proximity and obstacle detection, level sensing, sonars, and so forth. Such signal
chains detect the amplitude of received ultrasonic signal at a particular center frequency. Figure 9-3 shows a
high-gain narrow bandpass filter and peak detector circuit using any of the OPAx863 devices. The signal at the
frequency of interest is filtered out, gained, and peak detected to report the amplitude at the output of this circuit.
The phase information is lost in this circuit. The OPAx863 devices are used with the 50-MHz GBW to add a
single-stage gain and filtering, and the peak detection capability is easily made with the RRIO capability of these
amplifiers.
9.2.3 Low-Power SAR ADC Driver and Reference Buffer
Figure 9-4 shows the use of the OPAx863 as a SAR ADC input driver and reference buffer driving the ADS7945.
sensors, which are used for interface with the physical environment, exhibit high output impedance, and cannot
drive SAR ADC inputs directly. A wide-GBW amplifier, such as the OPAx863, is needed to charge the switching
capacitors at the SAR ADC input, and quickly settle to the required accuracy within the given acquisition time.
The ADC core draws transient current from the reference input during the conversion (digitization) phase, which
must be driven with a wide-GBW amplifier to offer fast settling and maintain a stable reference voltage for
excellent digitization performance. The OPAx863 reference buffer is used in a composite loop with the OPA378
precision amplifier because of limitations in precision performance of wide-GBW amplifiers. The precision
amplifier maintains low-offset output, whereas the OPAx863 devices provide the output drive and fast-settling
performance.
ADS7945
14-bit
2 MSPS
R
S
+
–
6 V
AVDD
DVDD
5 V
5 V
OPAx863
+
–
C
CB
6 V
OPAx863
VREF
R
FILT
C
FILT
+
–
5 V
OPA378
REF5050
5.0 V
Reference
12 V
R
F
R
G
Z
OUT
Sensor
Figure 9-4. OPAx863 as Low-Power SAR ADC Driver
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com