Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
9.2.1.2 Detailed Design Procedure
In a difference amplifier circuit, the output voltage is given by:
8
1 =
4
(
4
)
+
5* 45* + 84'(
(2)
For lowest system noise, small values of RF and RG are preferred. The smallest value of RG is limited by the
input transient voltage (10 V here) seen by the circuit, and is given by:
4
)
=
8
+0
(I=T .) F
8
&
F 85
+
&
(I=T .)
(3)
Where,
• VIN(maximum) is the maximum input transient voltage seen by the circuit.
• VD is the forward voltage drop of ESD diodes at the amplifier input.
• ID(maximum) is the maximum current rating of the ESD diodes at the amplifier input.
For a difference amplifier gain of 20 V/V, an RF of 12 kΩ and RG of 600 Ω are used. With a clock frequency of 40
MHz and the ADS7056 sampling at 1 MSPS, the available acquisition time for amplifier output settling is 550 ns.
Figure 9-2 shows the simulation results for the circuit in Figure 9-1. The worst-case peak-to-peak input transient
condition is simulated. The output of the OPAx863 device settles to within 0.1% accuracy within 543 ns. If using
a slower clock frequency with the ADC is desired, then the acquisition time reduces with the same sampling rate,
which degrades measurement accuracy. Alternatively, the sampling rate can be reduced to recover the required
acquisition time and 0.1% accuracy.
9.2.1.3 Application Curves
Time (150 ns/div)
-2
0
-1.5
0.1
-1
0.2
-0.5
0.3
0
0.4
0.5
0.5
1
0.6
1.5
0.7
2
0.8
2.5
0.9
3
1
3.5
1.1
4
1.2
D805
VIN x 20
OPAx863 O/P
S/H Voltage
% Error
Figure 9-2. 0.1% Settling Performance
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com