Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx863 are classic voltage-feedback amplifiers with two high-impedance inputs and a low-impedance
output. These devices have a GBW of 50 MHz, 5.9 nV/√Hz of noise, RRIO capability, and precision performance
consuming only 700 µA quiescent current per channel These features make the OPAx863 an excellent choice
for use in low-side current sensing, ADC input driver, and reference buffering with fast settling, buffers, high
gain and filter circuits. The overload power limit makes the OPAx863 truly low-power in high-gain, multichannel
systems limiting any increase in quiescent current during output overload conditions.
9.2 Typical Applications
9.2.1 Low-Side Current Sensing
Power converters use current-mode feedback control for excellent transient response and multiphase load
sharing. Inverter stages control the phase currents for torque control in motor drives. As a result of the simplicity
and low-cost, many of these topologies use difference-amplifier-based, low-side current sensing. Figure 9-1
shows the use of the OPAx863 in a difference amplifier circuit for low-side current sensing.
+
±
600Ÿ
600Ÿ
12kŸ
12kŸ
RSH
1.65V
GND
Switchi ng
Circuit
ISH
VOUT
3.3V
OPA x863
250Ÿ
ADS705 6
+
±
3.3V
TLV320 1
VTH
MCU
Interrupt
Digital I/O
300V
3.3V
220pF
Figure 9-1. Low-Side Current Sensing in Power Converters
9.2.1.1 Design Requirements
Table 9-1. Design Requirements
PARAMETER
DESIGN REQUIREMENT
Shunt resistor
10 mΩ
Input current
15 APP
Output voltage
3 VPP
Switching frequency
50 kHz
Data acquisition
1 MSPS with 0.1% accuracy
Input voltage due to ground bounce
10 Vpk
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com