Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA-RTSM Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC NA-RTSM Datasheet HTML 21Page - Omron Electronics LLC NA-RTSM Datasheet HTML 22Page - Omron Electronics LLC NA-RTSM Datasheet HTML 23Page - Omron Electronics LLC NA-RTSM Datasheet HTML 24Page - Omron Electronics LLC NA-RTSM Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Creating duplicate objects
Based on one object, you can create multiple copies with the same appearance and settings by specifying an
off set value for an array variable. This makes screen creation faster and easier.
4
Set the number of horizontal and vertical objects, and their spacing.
When an array variable is specified, you can duplicate the object by adding the specified
offset value to the element number.
0
4
14
Right-click
The combination of VNC and FTP
allows you to capture the NA
screens from the connected PC.
NA screen capture
The screens displayed on the NA Series can be captured and saved in the SD card inserted
in the NA Series or the USB memory connected to the NA Series.
• When a screen of the NA Series is required to create a machine operation manual
• When the current screen is required to save as proof of a trouble
Supported format: PNG
Data input order
The data input order can be set.
When numeric values are entered conse-
cutively, the focus automatically moves to
the next Data Edit object by touching the
Enter key. Input errors and input time can
be minimized.
Enable
AutoNavigateKeypads
in the properties of
the page to enter
data consecutively.
The data input
order can be set in
the property of the
Data Edit object.
The focus automatically
moves to the next object
by touching the Enter key.
FZ-MEM2G
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com