Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA-RTSM Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC NA-RTSM Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Adding an object by drag & drop
Just drag a variable from the Ladder Editor in the NA Page Editor to add an object. The variable is automatically set
in the property of the added object.*
This eliminates the need to create and allocate HMI variables, which facilitates design work.
* When an input is selected, a Button object is added automatically.
When an output is selected, a Lamp object is added automatically.
The selected variable is
set in the added object
An object is automatically
added by drag & drop
Improved mapping of controller variables to NA Series
・NJ/NX/NY Controller variables can be automatically mapped to the NA HMI.
This improves design efficiency and ensures that all added variables are mapped.
・The device name generation rule can be customized in manual mapping. Variables can be mapped according to
 your desired rule.
Easy to add NA variables to controller
Variables added to the NA HMI can be registered and mapped to the controller variable table from the properties
for objects or the NA global variable table.
Going back to the controller global variable table to add variables is no longer required, saving your design time.
From NA properties
From NA global variable table
Add to the controller global
variable table
Device names can
be customized in
manual mapping.
・Adding controller
・Adding global variable
・Adding HMI
Automatically mapped.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com