Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA-RTSM Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Setting, sorting, and filtering alarms
Alarms can be set easily, reducing time and effort required for creating alarm screens.
You can “sort” alarms by the preset item and “filter” by any keyword.
The error location can be quickly identified from a large number of alarms.
CSV
■Improved User Alarms Viewer
■Sorting
■Filtering
The preset item is
used for sorting.
Select an item from the drop-down menu.
The column width and title
can be changed.
The filtered alarms are
displayed.
You can quickly create the desired alarm screens.
Select either ascending or descending
order.
Select the fault level to
display.
Select the item to sort.
Broken-line graphs
Data of variables and multidimensional arrays
in the controller can be displayed as broken-
line graphs. Broken-line graphs can also be cre-
ated from the data in the CSV files saved in the
SD card inserted in the NJ/NX/NY Controller by
using subroutines (Visual Basic). You can spe-
cify the display range of large array data, such
as operation log, by setting the offset value.
Scaling
Scaling can be set for Data Display/Data
Edit objects and global variables.
Values of variables can be converted by
specifying conversion expressions, which
makes it easy to show data in the control-
ler.
Increases the compatibility with the
controller.
Touch the header to switch
between ascending and
descending order.
Not scaled
Scaled by specifying
1/100,000,000
Value of NJ/NX/NY
variable: 10,000,000
10,000,000ns
0.1 seconds
Multidimensional array
Graph display range
The offset can be
specified from the start
of the display range.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com