Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF511 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF511
Description  N-channel silicon field-effect transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF511 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF511 Datasheet HTML 1Page - NXP Semiconductors BF511 Datasheet HTML 2Page - NXP Semiconductors BF511 Datasheet HTML 3Page - NXP Semiconductors BF511 Datasheet HTML 4Page - NXP Semiconductors BF511 Datasheet HTML 5Page - NXP Semiconductors BF511 Datasheet HTML 6Page - NXP Semiconductors BF511 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
December 1997
4
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF510 to 513
DYNAMIC CHARACTERISTICS
Measuring conditions (common source):
VDS = 10 V; VGS = 0; Tamb =25 °C for BF510 and BF511
VDS = 10 V; ID = 5 mA; Tamb =25 °C for BF512 and BF513
y-parameters (common source)
BF510
511
512
513
Input capacitance at f = 1 MHz
Cis
<
5555 pF
Input conductance at f = 100 MHz
gis
typ.
100
90
60
50
µS
Feedback capacitance at f = 1 MHz
Crs
typ.
0.4
0.4
0.4
0.4 pF
<
0.5
0.5
0.5
0.5 pF
Transfer admittance at f = 1 kHz
 yfs >
2.5
4.0
4.0
3.5 mS
VGS = 0 instead of ID = 5 mA
 yfs >
−
−
6.0
7.0 mS
Transfer admittance at f = 100 MHz
 y
fs
typ.
3.5
5.5
5.0
5.0 mS
Output capacitance at f = 1 MHz
Cos
<
3333 pF
Output conductance at f = 1 MHz
gos
<
60
80
100
120
µS
Output conductance at f = 100 MHz
gos
typ.
35
55
70
90
µS
Noise figure at optimum source admittance
GS = 1 mS; −BS = 3 mS;
f = 100 MHz
F
typ.
1.5
1.5
1.5
1.5 dB
Fig.2
VGS = 0 for BF510 and BF511;
ID = 5 mA for BF512 and BF513;
f = 1 MHz; Tamb = 25 °C.
handbook, halfpage
0
typ
20
1.5
0
0.5
1
Crs
(pF)
VDS (V)
4
8
12
16
MDA275
Fig.3
VDS = 10 V; f = 1 kHz; Tamb =25 °C; typical
values.
handbook, halfpage
05
|yfs|
(mS)
ID (mA)
10
15
10
0
8
6
4
2
MDA276
BF511
BF510
BF512
BF513



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com