Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF511 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF511
Description  N-channel silicon field-effect transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF511 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF511 Datasheet HTML 1Page - NXP Semiconductors BF511 Datasheet HTML 2Page - NXP Semiconductors BF511 Datasheet HTML 3Page - NXP Semiconductors BF511 Datasheet HTML 4Page - NXP Semiconductors BF511 Datasheet HTML 5Page - NXP Semiconductors BF511 Datasheet HTML 6Page - NXP Semiconductors BF511 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1997
2
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF510 to 513
DESCRIPTION
Asymmetrical N-channel planar
epitaxial junction field-effect
transistors in the miniature plastic
envelope intended for applications up
to the v.h.f. range in hybrid thick and
thin-film circuits. Special features are
the low feedback capacitance and the
low noise figure. These features
make the product very suitable for
applications such as the r.f. stages in
f.m. portables (BF510), car radios
(BF511) and mains radios (BF512) or
the mixer stage (BF513).
PINNING - SOT23
1
= gate
2
= drain
3
= source
MARKING CODE
BF510 = S6p
BF511 = S7p
BF512 = S8p
BF513 = S9p
Fig.1 Simplified outline and symbol.
handbook, halfpage
12
g
d
s
3
Top view
MAM385
QUICK REFERENCE DATA
Drain-source voltage
VDS
max.
20
V
Drain current (DC or average)
ID
max.
30
mA
Total power dissipation
up to Tamb =40 °CPtot
max.
250
mW
BF510
511
512
513
Drain current
>
0.7
2.5
6
10 mA
VDS = 10 V; VGS = 0
IDSS
<
3.0
7.0
12
18 mA
Transfer admittance (common source)
VDS = 10 V; VGS = 0; f = 1 kHz
 yfs >
2.5
4
6
7 mS
Feedback capacitance
VDS = 10 V; VGS =0
Crs
typ.
0.3
0.3
−− pF
VDS = 10 V; ID = 5 mA
Crs
typ.
−−
0.3
0.3 pF
Noise figure at optimum source admittance
GS = 1 mS; −BS = 3 mS; f = 100 MHz
VDS = 10 V; VGS = 0
F
typ.
1.5
1.5
−− dB
VDS = 10 V; ID = 5 mA
F
typ.
−−
1.5
1.5 dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com