Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF511 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF511
Description  N-channel silicon field-effect transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF511 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF511 Datasheet HTML 1Page - NXP Semiconductors BF511 Datasheet HTML 2Page - NXP Semiconductors BF511 Datasheet HTML 3Page - NXP Semiconductors BF511 Datasheet HTML 4Page - NXP Semiconductors BF511 Datasheet HTML 5Page - NXP Semiconductors BF511 Datasheet HTML 6Page - NXP Semiconductors BF511 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1997
3
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF510 to 513
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Mounted on a ceramic substrate of 8 mm
× 10 mm × 0.7 mm.
STATIC CHARACTERISTICS
Tamb =25 °C
Drain-source voltage
VDS
max.
20 V
Drain-gate voltage (open source)
VDGO
max.
20 V
Drain current (DC or average)
ID
max.
30 mA
Gate current
± I
G
max.
10 mA
Total power dissipation up to Tamb =40 °C (note 1)
Ptot
max.
250 mW
Storage temperature range
Tstg
−65 to + 150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient (note 1)
Rth j-a
=
430 K/W
BF510
511
512
513
Gate cut-off current
−VGS = 0.2 V; VDS =0
−IGSS
<
10
10
10
10 nA
Gate-drain breakdown voltage
IS =0; −ID =10 µA
−V(BR)GDO
>
20
20
20
20 V
Drain current
>
<
0.7
3.0
2.5
7.0
6
12
10
18
mA
mA
VDS = 10 V; VGS =0
IDSS
Gate-source cut-off voltage
ID =10 µA; VDS = 10 V
−V(P)GS
typ.
0.8
1.5
2.2
3 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com