Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR4/D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # APR4/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR4/D Datasheet(HTML) 1 Page - NXP Semiconductors

  APR4/D Datasheet HTML 1Page - NXP Semiconductors APR4/D Datasheet HTML 2Page - NXP Semiconductors APR4/D Datasheet HTML 3Page - NXP Semiconductors APR4/D Datasheet HTML 4Page - NXP Semiconductors APR4/D Datasheet HTML 5Page - NXP Semiconductors APR4/D Datasheet HTML 6Page - NXP Semiconductors APR4/D Datasheet HTML 7Page - NXP Semiconductors APR4/D Datasheet HTML 8Page - NXP Semiconductors APR4/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by:
DSP56001A/D, Rev. 1
©1997 MOTOROLA, INC.
DSP56001A
Product Preview
24-BIT DIGITAL SIGNAL PROCESSOR
The DSP56001A is an MPU-style general purpose Digital Signal Processor (DSP) composed of an
efficient 24-bit DSP core, program and data memories, various peripherals, and support
circuitry. The DSP56000 core is fed by on-chip Program RAM, two independent data RAMs, and
two data ROMs containing sine, A-law, and
µ-law tables. The DSP56001A contains a Serial
Communication Interface (SCI), a Synchronous Serial Interface (SSI), and a parallel Host Interface
(HI). This combination of features, illustrated in Figure 1, makes the DSP56001A a cost-effective,
high-performance solution for high-precision general purpose digital signal processing. The
DSP56001A is intended as a replacement for the DSP56001. The DSP56002 should be considered for
new designs.
Figure 1 DSP56001A Block Diagram
Program
Memory
512
× 24 RAM
64
× 24 ROM
(boot)
Program Control Unit
24-bit
56000 DSP
Core
6
Sync.
Serial
(SSI)
or I/O
3
Serial
Comm.
(SCI)
or I/O
15
Host
Interface
(HI)
or I/O
16-bit Bus
24-bit Bus
External
Address
Bus
Switch
External
Data
Bus
Switch
Bus
Control
Data ALU
24
× 24 + 56 → 56-bit MAC
Two 56-bit Accumulators
2
IRQ
PAB
XAB
YAB
GDB
PDB
XDB
YDB
Address
16
Data
24
Control
7
Program
Address
Generator
Program
Decode
Controller
Interrupt
Control
X Data
Memory
256
× 24 RAM
256
× 24 ROM
(A-law/
µ-law)
Y Data
Memory
256
× 24 RAM
256
× 24 ROM
(sine)
Clock
Generator
2
Address
Generation
Unit
Internal
Data
Bus
Switch
AA0884
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - APR4/D

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR40-40-12CB CTS-APR40-40-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
APR40-40-12CB CTS-APR40-40-12CB Datasheet
200Kb / 1P
Forged Heat Skins With Pin Fins
APR40-40-12CB/S CTS-APR40-40-12CB/S Datasheet
166Kb / 3P
Forged Heat Sinks
APR40-40-15CB CTS-APR40-40-15CB Datasheet
166Kb / 3P
Forged Heat Sinks
APR40-40-15CB CTS-APR40-40-15CB Datasheet
200Kb / 1P
Forged Heat Skins With Pin Fins
More results

Similar Description - APR4/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com