Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR4/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # APR4/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR4/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button APR4/D Datasheet HTML 28Page - NXP Semiconductors APR4/D Datasheet HTML 29Page - NXP Semiconductors APR4/D Datasheet HTML 30Page - NXP Semiconductors APR4/D Datasheet HTML 31Page - NXP Semiconductors APR4/D Datasheet HTML 32Page - NXP Semiconductors APR4/D Datasheet HTML 33Page - NXP Semiconductors APR4/D Datasheet HTML 34Page - NXP Semiconductors APR4/D Datasheet HTML 35Page - NXP Semiconductors APR4/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
2-14
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Host I/O (HI) Timing
HOST I/O (HI) TIMING
VCC = 5.0 V ± 10% for 27 MHz; 5.0 V ± 5% for 33 MHz;
TJ =-40 to 105 ˚C; CL = 50 pF + 1 TTL loads
Note:
Active low lines should be pulled up in a manner consistent with the AC and
DC specifications.
Table 2-9
Host I/O Timing (27/33 MHz)
Num
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
30 Host Synchronization Delay
(see Note 1)
TL
TC + TL
TL
TC + TL
ns
31 HEN/HACK Assertion Width
(See Note 2)
•
CVR, ICR, ISR, RXL
Read
•
IVR, RXH/M Read
•
Write
TC + 46
39
19
—
—
—
TC + 37
31
16
—
—
—
ns
ns
ns
32 HEN/HACK Deassertion
Width (See Note 2)
•
Between Two TXL
Writes (See Note 3)
•
Between Two CVR,
ICR, ISR, RXL Reads
(See Note 4)
19
2
× T
C + 46
2
× T
C + 46
—
—
—
16
2
× T
C + 37
2
× T
C + 37
—
—
—
ns
ns
ns
33 Host Data Input Setup Time
Before HEN/HACK
Deassertion
4—4—
ns
34 Host Data Input Hold Time
After HEN/HACK Deassertion
4—4—
ns
35 HEN/HACK Assertion to
Output Data Active from High
Impedance
0—0—
ns
36 HEN/HACK Assertion to
Output Data Valid
—39—31
ns
37 HEN/HACK Deassertion to
Output Data High Impedance
(See Note 6)
—27—22
ns
38 Output Data Hold Time After
HEN/HACK Deassertion (See
Note 7)
4—4—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com