Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR4/D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # APR4/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR4/D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button APR4/D Datasheet HTML 5Page - NXP Semiconductors APR4/D Datasheet HTML 6Page - NXP Semiconductors APR4/D Datasheet HTML 7Page - NXP Semiconductors APR4/D Datasheet HTML 8Page - NXP Semiconductors APR4/D Datasheet HTML 9Page - NXP Semiconductors APR4/D Datasheet HTML 10Page - NXP Semiconductors APR4/D Datasheet HTML 11Page - NXP Semiconductors APR4/D Datasheet HTML 12Page - NXP Semiconductors APR4/D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
DSP56001A
Power
MOTOROLA
DSP56001A/D, Rev. 1
1-3
POWER
GROUND
Table 1-2
Power Connections
Power Names
Description
VCCQ (2)
Internal Logic Power
—These lines supply a quiet power source to the oscillator
circuits and the mode control and interrupt lines. Ensure that the input voltage to
this line is well-regulated and uses an extremely low impedance path to tie to the
VCC power rail. Use a 0.1 µF bypass capacitor located as close as possible to the chip
package to connect between the VCCQ lines and the GNDQ lines.
VCCA (3)
Address Bus Power
—These lines supply power to the address bus.
VCCD (3)
Data Bus Power
—These lines supply power to the data bus.
VCCC
Bus Control Power
—This line supplies power to the bus control logic.
VCCH (2)
Host Interface Power
—These lines supply power to the Host Interface logic.
VCCS
Serial Interface Power
—This line supplies power to the serial interface logic (SCI
and SSI).
Table 1-3
Ground Connections
Ground Names
Description
GNDQ (2)
Internal Logic Ground
—These lines supply a quiet ground connection for the
oscillator circuits and the mode control and interrupt lines. Ensure that this line
connects through an extremely low impedance path to ground. Use a 0.1
µF bypass
capacitor located as close as possible to the chip package to connect between the
VCCQ line and the GNDQ line.
GNDA (2)
Address Bus Ground
—These lines connect system ground to the address bus.
GNDD (2)
Data Bus Ground
—These lines connect system ground to the data bus.
GNDΗ (1)
Host Interface Ground
—These lines supply ground connections for the Host
Interface logic.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com