Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC0-252-DABA3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XMC0-252-DABA3
Description  Definite Purpose Contactors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XMC0-252-DABA3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XMC0-252-DABA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 3Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 4Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 5Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 6Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 7Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 8Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
- 1 -
XMC0 Series
Definite Purpose Contactors
Description
HOMER XMC0 series high performance definite purpose contactors (1-Pole,
1-Pole+1Shunt, 1-Pole+1NC, 1-Pole+1NO, 2-Pole, 3-Pole,3-Pole+1NC and
3-Pole+1NO ,from 12A to 90A ) are ideal for(HVAC)air conditioning, refrigeration, heating, data
processing, welding, elevators, hoists & cranes, washing machine, lighting, pools & spas and food
service equipment. XMC0 series definite purpose contactors meet ARI 780 and UL508 standard
Features
1. Unique structure of amortization system eliminates contact bounce.
2. No tools required for snap-on accessories require that make modification quick and easy.
3. Various terminal options for specific application needs.
4. Easy to change coil.
5. Universal mounting plate allows easy replacement for other brands.
6. Heavy duty Silver Metal Oxide composition contacts ensure long electrical endurance.
7. Coils are Class F (155℃) temperature insulated with wide range of voltage and 50/60Hz ratings.
8. Double E Magnet Assembly provides optimal performance with reduced power consumption.
9. Effective dustproof structure.
10. UL, TÜV, CCC, CE approved.
Type model nomenclature - Ordering Information
XM C 0
- □ □
· □ □ □ □ □ □ □
1
2
3
4
5
6 7 8 9 10 11 12
Number digit 1: Manufacturer’s code
XM – Xiamen Hongmei Electronic Co., Ltd.
Number digit 2: Product Type
C – Contactor


Similar Part No. - XMC0-252-DABA3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
XMC0-503/633 HONGFA-XMC0-503/633 Datasheet
1Mb / 12P
Definite Purpose Contactors
XMC0-753/903 HONGFA-XMC0-753/903 Datasheet
1Mb / 12P
Definite Purpose Contactors
More results

Similar Description - XMC0-252-DABA3

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
Definite Purpose Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
CONTACTORS / REVERSING CONTACTORS
90-244 ETC2-90-244 Datasheet
292Kb / 2P
2 POLE DEFINITE PURPOSE CONTACTORS
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
Definite Purpose Contactors & Starters
C25GNY8 ETC-C25GNY8 Datasheet
231Kb / 1P
Definite Purpose Contactor
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
Definite Purpose Contactors
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
P30 TEC-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
Definite Purpose Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com