Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC0-252-DABA3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XMC0-252-DABA3
Description  Definite Purpose Contactors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XMC0-252-DABA3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XMC0-252-DABA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 3Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 4Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 5Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 6Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 7Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 8Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
- 2 -
Number digit 3: Design Sequence Number – 0
Number digit 4: Full Load Amperes (FLA) – 12, 18, 20, 25, 32, 40, 50, 63, 75 or 90
Number digit 5: Number of Poles – 1,2, 2R, 3, 3A, 3B,3R, 5, 6, 7, 8 or 9
Number
digit 5
1
2*
2R
3
3A
3B
Number
of poles
1-pole+
1shunt
2-pole
2-pole
(1a1b)
3-pole
2-pole
(3pl frame)
3-pole
(
small frame)
Number
digit 5
3R
5
6
7
8
9
Number
of poles
3-pole
(2a1b)
1-pole+1NC
1-pole+1NO
1-pole
3-pole+1NC
( small frame)
3-pole+1NO
(small frame)
Number digit 6: Coil Voltage – D, E, F, I, L, N, U
Number digit 6
D
E
F
I
J*
L
N
U
50Hz
12V
24V
110-120V
208-220V
220V
--
380-415V
550-600V
Coil
voltage
60Hz
12V
24V
110-120V
208-240V
--
277V
440-480V
550-600V
Number digit 7: Mounting plate – A, B
A – plastic base
B – metal plate
Number digit 8: Cover –A, B
A – long cover
B – short cover
Number digit 9: Terminal –A, B, C, D, E, F
A – screw w/quick connect
B – sems clamp w/quick connect
C – slotted & hex head washer w/ quick connect
D – box lug w/ quick connect
E –box lug w/quick connect (Line)
slotted&hex head washer w/quick connect (Load)
F –slotted&hex head washer w/quick connect (Line)
box lug w/quick connect (Load)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com