Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC0-252-DABA3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XMC0-252-DABA3
Description  Definite Purpose Contactors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XMC0-252-DABA3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XMC0-252-DABA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 3Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 4Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 5Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 6Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 7Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 8Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 9Page - List of Unclassifed Manufacturers XMC0-252-DABA3 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
- 6 -
Auxiliary contacts block characteristics
Conventional thermal current (A)
10
Rated insulation voltage (V)
690
A600(AC-15)
230/380V
3/1.9
Rated operational current
(A)
N600(DC-13)
11O/230V
2.2/1.1
Coil characteristics
Voltage
Part number
Inrushed
VA
Sealed
VA
Sealed
Watts
Pick-up
Drop-out
XMC0-□1/5/6/7
40
7.5
2.5-3.5
XMC0-□2
45
8
2.5-4
XMC0-□3/3A/3R
90
16
3.5-5
XMC0-□3/3B/8/9
90
16
3.5-5
XMC0-503/633
145
20
5-7
XMC0-753/903
235
32
10-12
≤0.8Us
≥0.2Us
Dimensions
1-pole/1-pole+shunt/1p+1NC/1pole+1NO (plastic base, 25-40A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com