Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC05V7GRS/D Datasheet(PDF) 148 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 144Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 145Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 146Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 147Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 148Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 149Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 150Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 151Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 170 page
background image
SECTION 16: INSTRUCTION SET
Page 134
MC68HC05V7 Specification Rev. 1.0
16.3
BRANCH INSTRUCTIONS
This set of instructions branches if a particular condition is met; otherwise, no operation is
performed. Branch instructions are 2-byte instructions. Refer to the following list for branch
instructions.
16.4
BIT MANIPULATION INSTRUCTIONS
The MCU is capable of setting or clearing any read/write bit that resides in the first 256
bytes of the memory space where all port registers, port DDRs, timer, timer control, and on-
chip RAM reside. An additional feature allows the software to test and branch on the state
of any bit within these 256 locations. The bit set, bit clear, and bit test and branch functions
are each implemented with a single instruction. For test and branch instructions, the value
Function
Mnemonic
Increment
INC
Decrement
DEC
Clear
CLR
Complement
COM
Negate (Two’s Complement)
NEG
Rotate Left Thru Carry
ROL
Rotate Right Thru Carry
ROR
Logical Shift Left
LSL
Logical Shift Right
LSR
Arithmetic Shift Right
ASR
Test for Negative or Zero
TST
Function
Mnemonic
Branch Always
BRA
Branch Never
BRN
Branch if Higher
BHI
Branch if Lower or Same
BLS
Branch if Carry Clear
BCC
Branch if Higher or Same
BHS
Branch if Carry Set
BCS
Branch if Lower
BLO
Branch if Not Equal
BNE
Branch if Equal
BEQ
Branch if Half Carry Clear
BHCC
Branch if Half Carry Set
BHCS
Branch if Plus
BPL
Branch if Minus
BMI
Branch if Interrupt Mask Bit is Clear
BMC
Branch if Interrupt Mask Bit is Set
BMS
Branch if Interrupt Line is Low
BIL
Branch if Interrupt Line is High
BIH
Branch to Subroutine
BSR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com