Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC05V7GRS/D Datasheet(PDF) 63 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 59Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 60Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 61Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 62Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 63Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 64Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 65Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 66Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 170 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 49
MC68HC05V7 Specification Rev. 1.0
7.4
REGULATOR CONTROL LOGIC
The ignition state monitor pin, VIGN, or the MDLC BUS pin (provided the MDLCPU mask
option is selected) allows the user to wake-up the primary power supply and subsequently
the MCU. A positive transition applied to either pin will enable the primary regulator. The
state of the VIGN pin can be determined by reading the IGNS bit of the MISCELLANEOUS
register. The primary regulator can be disabled by clearing the PDC bit in the
MISCELLANEOUS register. The BUS or VIGN pin need not be low to write the PDC bit.
Once the regulator has been disabled, a rising edge on VIGN or BUS will re-enable the
regulator.
To ensure the validity of the PDC bit during a VDD transition, the PDC bit is always copied
into a latch powered by the secondary regulator. The bit is copied during a write to the
MISCELLANEOUS register. When the regulator is powered up by a rising edge of BUS or
VIGN, the latch that contains the copy of the PDC bit will be initialized to a 1 and may have
a different value than the PDC bit itself. Software should always initialize the PDC bit to a
1. The latch will be set on the rising edge of VIGN or BUS. This will give the primary
regulator, CPU, and software ample time to start up and initialize the PDC bit to a 1. At this
point, the MCU will transition to the Power Up Mode. (See Figure 7-2.)
In order to ensure that the primary regulator starts up when VBATT voltage is applied to the
MCU, a low to high transition should be provided on the VIGN pin once VBATT reaches
minimum level, shown in Figure 7-3.
Figure 7-3: Regulator Startup
NOTE:
Once enabled, the regulator can only be disabled through software.
Voltage
time
Min
VBATT
<= 0.4*VBATT
VBATT
VIGN
VIGN
>min VBATT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com