Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC05V7GRS/D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 28Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 29Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 30Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 170 page
background image
SECTION 2: MEMORY MAP
Page 13
MC68HC05V7 Specification Rev. 1.0
SECTION 2
MEMORY MAP
2.1
SINGLE-CHIP MODE MEMORY MAP
When the MC68HC05V7 is in the Single-Chip Mode the I/O and peripherals, user RAM,
EEPROM and user ROM are all active as shown in Figure 2-1.
Figure 2-1:
MC68HC05V7 Single-Chip Mode Memory Map
2.2
I/O AND CONTROL REGISTERS
The I/O and Control Registers reside in locations $0000-$003F. The overall organization of
these registers is shown in Figure 2-2. The bit assignments for each register are shown in
0704
0703
User Vectors ROM
16 Bytes
Selfcheck/E2test
ROM 512 Byes
16383
16368
16367
Stack
(64 Bytes)
User RAM
192 Bytes
Reset Vector (Low Byte)
Reset Vector (High Byte)
SWI Vector (Low Byte)
SWI Vector (High Byte)
IRQ Vector (Low Byte)
IRQ Vector (High Byte)
16-Bit Timer Vector (Low Byte)
16-Bit Timer Vector (High Byte)
$3FF7
$3FF8
$3FF9
$3FFA
$3FFB
$3FFC
$3FFD
$3FFE
$3FFF
MDLC (Low Byte)
$003F
$0000
$00C0
$00BF
0191
0192
I/O
64 Bytes
0064
0063
0000
$3FFF
$3FF0
$3FEF
$0040
$003F
$0000
User ROM
10208 Bytes
I/O
Registers
64 bytes
(see
Figure 2-
2)
$3FF6
MDLC (High Byte)
$3FF3
8-Bit Timer (Low Byte)
$3FF4
SPI (High Byte)
$3FF5
SPI (Low Byte)
$3FF2
8-Bit Timer (High Byte)
$3FF1
unused
$3FF0
COP Watchdog Timer
$1600
$15FF
User EEPROM
128 Bytes
5632
5631
Unused
4928 Bytes
$02C0
$02BF
$0240
$023F
0575
0576
User RAM
(128 Bytes)
Unused
128 Bytes
$01BF
$01C0
0447
0448
$00FF
$0100
0255
0256
16352
16351
$3FE0
$3FDF
Selfcheck Vectors
ROM 16 Bytes
$17FF
$1800
6143
6144
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com