Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC05V7GRS/D Datasheet(PDF) 147 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 143Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 144Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 145Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 146Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 147Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 148Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 149Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 150Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 170 page
background image
SECTION 16: INSTRUCTION SET
Page 133
MC68HC05V7 Specification Rev. 1.0
SECTION 16
INSTRUCTION SET
The MCU has a set of 62 basic instructions. They can be divided into five different types:
register/memory, read-modify-write, branch, bit manipulation, and control. The following
paragraphs briefly explain each type. For more information on the instruction set, refer to
the
M6805 Family User’s Manual (M6805UM/AD3) or the associated MC68HC05 Data
Sheet.
16.1
REGISTER/MEMORY INSTRUCTIONS
Most of these instructions use two operands. One operand is either the accumulator or the
index register. The other operand is obtained from memory using one of the addressing
modes. The jump unconditional (JMP) and jump to subroutine (JSR) instructions have no
register operand. Refer to the following instruction list.
16.2
READ-MODIFY-WRITE INSTRUCTIONS
These instructions read a memory location or a register, modify or test its contents, and
write the modified value back to memory or to the register. The test for negative or zero
(TST) instruction is an exception to the read-modify-write sequence since it does not modify
the value. Do not use these read-modify-write instructions on write-only locations. Refer to
the following list of instructions.
Function
Load A from Memory
Load X from Memory
Store A in Memory
Store X in Memory
Add Memory to A
Add Memory and Carry to A
Subtract Memory
Subtract Memory from A with Borrow
AND Memory to A
OR Memory with A
Exclusive OR Memory with A
Arithmetic Compare A with Memory
Arithmetic Compare X with Memory
Bit Test Memory with A (Logical Compare)
Jump Unconditional
Jump to Subroutine
Mnemonic
LDA
LDX
STA
STX
ADD
ADC
SUB
SBC
AND
ORA
EOR
CMP
CPX
BIT
JMP
JSR
Multiply
MUL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com