| Electronic Components Datasheet Search |
|
TDA4VL...ALZQ1 Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VL...ALZQ1 Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 251 page ![]() 6.3.16 Hyperlink Note This SoC does not support Hyperlink. A customer design should not use signals HYP_*, HYP0_*, HYP1_*. 6.3.16.1 MAIN Domain Table 6-82. Hyperlink Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN HYP_RXN0 I Hyperlink RX (negative) AF9 HYP_RXN1 I Hyperlink RX (negative) AE8 HYP_RXN2 I Hyperlink RX (negative) AF6 HYP_RXN3 I Hyperlink RX (negative) AE5 HYP_RXP0 I Hyperlink RX (positive) AF10 HYP_RXP1 I Hyperlink RX (positive) AE9 HYP_RXP2 I Hyperlink RX (positive) AF7 HYP_RXP3 I Hyperlink RX (positive) AE6 HYP_TXN0 O Hyperlink TX0 (negative) AH7 HYP_TXN1 O Hyperlink TX0 (negative) AG8 HYP_TXN2 O Hyperlink TX0 (negative) AG5 HYP_TXN3 O Hyperlink TX0 (negative) AD7 HYP_TXP0 O Hyperlink TX0 (positive) AH8 HYP_TXP1 O Hyperlink TX0 (positive) AG9 HYP_TXP2 O Hyperlink TX0 (positive) AG6 HYP_TXP3 O Hyperlink TX0 (positive) AD8 Table 6-83. Hyperlink0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN HYP0_RXFLCLK O Hyperlink Flow Management Receive Clock AB28 HYP0_RXFLDAT O Hyperlink Flow Management Receive Data U27 HYP0_RXPMCLK I Hyperlink Power Management Receive Clock AA26 HYP0_RXPMDAT I Hyperlink Power Management Receive Data AC27 HYP0_TXFLCLK I Hyperlink Flow Management Transmit Clock AC28 HYP0_TXFLDAT I Hyperlink Flow Management Transmit Data Y26 HYP0_TXPMCLK O Hyperlink Power Management Transmit Clock Y27 HYP0_TXPMDAT O Hyperlink Power Management Transmit Data AA27 Table 6-84. Hyperlink1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN HYP1_RXFLCLK O Hyperlink Flow Management Receive Clock AB27 HYP1_RXFLDAT O Hyperlink Flow Management Receive Data T26 HYP1_RXPMCLK I Hyperlink Power Management Receive Clock V27 HYP1_RXPMDAT I Hyperlink Power Management Receive Data W27 HYP1_TXFLCLK I Hyperlink Flow Management Transmit Clock AB26 HYP1_TXFLDAT I Hyperlink Flow Management Transmit Data AD28 HYP1_TXPMCLK O Hyperlink Power Management Transmit Clock V26 HYP1_TXPMDAT O Hyperlink Power Management Transmit Data U26 TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 78 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |