| Electronic Components Datasheet Search |
|
TDA4VL...ALZQ1 Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VL...ALZQ1 Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 251 page ![]() Table 6-51. UART1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART1_CTSn I UART Clear to Send (active low) AA26, AH27 UART1_RTSn O UART Request to Send (active low) AC27, AG26 UART1_RXD I UART Receive Data Y27 UART1_TXD O UART Transmit Data AA27 Table 6-52. UART2 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART2_CTSn I UART Clear to Send (active low) AB26 UART2_RTSn O UART Request to Send (active low) AD28 UART2_RXD I UART Receive Data AG26, P24, W28 UART2_TXD O UART Transmit Data AH26, M23, U28 Table 6-53. UART3 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART3_CTSn I UART Clear to Send (active low) T27 UART3_RTSn O UART Request to Send (active low) R27 UART3_RXD I UART Receive Data AB26, AE25, R28 UART3_TXD O UART Transmit Data AD28, AG25, Y25 Table 6-54. UART4 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART4_CTSn I UART Clear to Send (active low) AA25, AB27, P23 UART4_RTSn O UART Request to Send (active low) AA24, N24, V25 UART4_RXD I UART Receive Data AC28, P24, T25, U25 UART4_TXD O UART Transmit Data AE28, M23, W24, Y26 Table 6-55. UART5 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART5_CTSn I UART Clear to Send (active low) P24, T23 UART5_RTSn O UART Request to Send (active low) M23, U24 UART5_RXD I UART Receive Data AC24, R22, T24 UART5_TXD O UART Transmit Data AB25, R24, W25 Table 6-56. UART6 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART6_CTSn I UART Clear to Send (active low) W28 UART6_RTSn O UART Request to Send (active low) U28 UART6_RXD I UART Receive Data AA26, AD25, T26 UART6_TXD O UART Transmit Data AC27, AF28, V26 Table 6-57. UART7 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN UART7_CTSn I UART Clear to Send (active low) P24 UART7_RTSn O UART Request to Send (active low) M23 UART7_RXD I UART Receive Data R22, T23, V23 TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 72 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |