Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4VL...ALZQ1 Datasheet(PDF) 66 Page - Texas Instruments

Part # TDA4VL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 62Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 63Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 64Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 65Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 66Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 67Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 68Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 69Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 251 page
background image
Table 6-9. WKUP_GPIO0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
WKUP_GPIO0_82
I
General Purpose Input/Output
P27
WKUP_GPIO0_83
I
General Purpose Input/Output
N25
WKUP_GPIO0_84
I
General Purpose Input/Output
P26
WKUP_GPIO0_85
I
General Purpose Input/Output
N26
WKUP_GPIO0_86
I
General Purpose Input/Output
N27
WKUP_GPIO0_87
IO
General Purpose Input/Output
J25
WKUP_GPIO0_88
IO
General Purpose Input/Output
G26
6.3.4 I2C
6.3.4.1 MAIN Domain
Table 6-10. I2C0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C0_SCL
IOD
I2C Clock
AH25
I2C0_SDA
IOD
I2C Data
AE24
Table 6-11. I2C1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C1_SCL
IOD
I2C Clock
AA23, AB26, AC25
I2C1_SDA
IOD
I2C Data
AD26, AD28, Y28
Table 6-12. I2C2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C2_SCL
IOD
I2C Clock
AH27, V27
I2C2_SDA
IOD
I2C Data
AG26, W27
Table 6-13. I2C3 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C3_SCL
IOD
I2C Clock
R22, W28
I2C3_SDA
IOD
I2C Data
AC27, R24
Table 6-14. I2C4 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C4_SCL
IOD
I2C Clock
AA28, AD25, M23
I2C4_SDA
IOD
I2C Data
AF28, P24, U26
Table 6-15. I2C5 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C5_SCL
IOD
I2C Clock
R28, Y24
I2C5_SDA
IOD
I2C Data
W23, Y25
Table 6-16. I2C6 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
I2C6_SCL
IOD
I2C Clock
AG25, N24
I2C6_SDA
IOD
I2C Data
AE25, P23
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
66
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com