Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2416 Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2416 Series
24-Bit Multifunction Temperature & Voltage Devices
The USB-2416 Series offers high-resolution voltage or thermocouple measurements along with
digital I/O. Analog output functionality is available with the USB-2416-4AO.
Overview
The USB-2416 Series offers exceptional performance and accuracy for voltage and
temperature measurements.
Designed for the USB bus, each device provides up to 32 analog input channels
with 24-bit resolution, 8 digital I/O and two counter inputs. The USB-2416-4AO
also features four analog outputs.
Connect to the AI-EXP32 expansion device for an additional 32 channels of analog
input and 16 digital I/O lines.
Analog inputs are user-configurable for voltage or thermocouple input on a per-
channel basis.
Features
• Measure thermocouples or
voltage
• 32 analog inputs, expandable
to 64
• 24-bit resolution
• 1 kS/s sampling
• Up to 4 analog outputs
• 8 digital I/O, expandable to 24
• Two counters
• Regulated power supply
included
Supported Operating Systems
• Windows®
11/10/8/7/Vista®/
XP 32/64-bit
• Linux®
Analog Input
Each device provides 32 SE/16 DIFF ana-
log inputs, expandable to 64 SE/32 DIFF.
Software-selectable voltage input ranges
are configurable per-channel.
USB-2416 Series devices can sample ana-
log input channels at up to 1 kS/s. Open
thermocouple detection is automatically
enabled for thermocouple measurements.
Digital I/O
USB-2416 Series devices provide eight
digital I/O lines with read/write rates of
500 port or single bit reads per second.
EachDIOchannelisanopen-drain.Digital
outputs can sink up to 150 mA for direct
drive applications. The maximum sink
current is 150 mA per eight-channel bank,
or if all eight channels are used, 18 mA
(maximum) per channel.
Counter Input
Each device has two 32-bit event counters
that accept frequency inputs up to 1 MHz.
The internal counter increments when the
TTL levels transition from low to high.
Channel Expansion with
the AI-EXP32
The AI-EXP32 expansion device provides
an additional 32 SE/16 DIFF analog inputs
and 16 DIO lines. The AI-EXP32 supports
all analog/thermocouple input and digital
I/O features of the USB-2416 Series devices
to which it is connected.
The USB-2416 Series docks directly to the
AI-EXP32withanexpansionconnectoron
each device (see page 5). No additional
cable is required. Refer to the hardware
user’s guide for detailed information.
The AI-EXP32 receives power from the
connected USB-2416 Series device.
Analog Output
(USB-2416-4AO Only)
The USB-2416-4AO provides four 16-bit
analog outputs with a ±10 V output
range. The analog outputs can be updated
at a maximum rate of 1 kS/s (system-
dependent).
USB-2416 Series Selection Chart
Model
Analog
Inputs
Throughput
Rate
Analog
Outputs
Digital I/O
Counters
USB-2416
32 SE/16 DIFF
Up to 1 kS/s
—
8
2
USB-2416-4AO
32 SE/16 DIFF
Up to 1 kS/s
4
8
2
USB-2416
with AI-EXP32
64 SE/32 DIFF
Up to 1 kS/s
—
24
2
USB-2416-4AO
with AI-EXP32
64 SE/32 DIFF
Up to 1 kS/s
4
24
2


Similar Part No. - DASYLAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DASYLAB ETC-DASYLAB Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
DASYLAB ETC-DASYLAB Datasheet
862Kb / 5P
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
DASYLAB ETC-DASYLAB Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
DASYLAB ETC-DASYLAB Datasheet
749Kb / 7P
High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
DASYLAB ETC-DASYLAB Datasheet
1Mb / 8P
High-Speed Counter/Timer Devices with Digital I/O
April 2018. Rev 8
More results

Similar Description - DASYLAB

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
24-24.5GHz Tx Multifunction
logo
Keysight Technologies
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
logo
Omega Engineering, Inc.
OMB-DAQ-2408 OMEGA-OMB-DAQ-2408 Datasheet
607Kb / 5P
24-Bit Multifunction USB Data Acquisition Modules for Temperature and Voltage Measurement
2016
logo
List of Unclassifed Man...
USB-1208FS-PLUS ETC-USB-1208FS-PLUS Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
USB-1608G ETC-USB-1608G Datasheet
1Mb / 6P
16-Bit High-Speed Multifunction DAQ Devices
April 2018. Rev 9
USB-2404 ETC-USB-2404 Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
USB-2408 ETC-USB-2408 Datasheet
938Kb / 6P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
logo
G.M. International
D6072 GMI-D6072 Datasheet
215Kb / 2P
SIL2 Multifunction Temperature Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com