Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-2416 Series
Specifications
All specifications are subject to change without notice.
Typical for 25 °C unless otherwise specified.
All specifications apply to all temperature and voltage input channels unless
otherwise specified.
Analog Input
A/D converter type: ADS1256, 24-bit Sigma Delta
A/D data rates: 3750 samples per second (S/s), 2000 S/s, 1000 S/s, 500 S/s, 100
S/s, 60 S/s, 50 S/s, 25 S/s, 10 S/s, 5 S/s, 2.5 S/s
Throughput
Single channel: 2.5 Hz to 1102.94 Hz, software-selectable
Multiple channels: 0.16 Hz to 1102.94 Hz, software-selectable
Number of channels: Up to 32 channels individually software configurable as
single-ended or differential; thermocouples require differential mode
Input isolation: 500 VDC min between field wiring and USB interface
Channel configurations: Temperature sensor input, software programmable to
match sensor type; voltage input
Input voltage range
Thermocouple mode: ±0.078125 V
Voltage mode: ±20 V, ±10 V, ±5 V, ±2.5 V, ±1.25 V, ±0.625 V, ±0.3125 V,
±0.15625 V, ±0.078125 V, software configurable
Absolute maximum input voltage: CxH-CxL relative to GND, ±30 V max (power
on), ±10 V max (power off)
Input impedance: 2 GΩ (power on), 390 Ω (power off)
Input leakage current: ±10.6 nA
Input capacitance: 590 pf
Maximum working voltage (signal+common mode):
Voltage mode (±20 V): ±20.01 V max
Voltage mode (all other voltage ranges): ±10.25 V max
Common mode rejection ratio
Thermocouple mode (f
IN = 60 Hz): 110 dB
Voltage mode (f
IN = 60 Hz, all input ranges): 90 dB
ADC resolution: 24 bits
Crosstalk: Adjacent channels,100 dB
Input Coupling: DC
Channel gain queue: Up to 64 elements, software configurable channel and range
Warm-up time: 45 minutes min
Open thermocouple detect: Enabled when configured for a thermocouple sensor
CJC sensor accuracy: 15 °C to 35 °C, ±0.15 °C typ; 0 °C to 55 °C, ±0.5 °C max
Channel Configurations
Channel
Category
Configuration
CxH/CxL
Thermocouple
16 differential
CxH/CxL
Voltage
Up to 32, individually configurable as either
single ended or differential
Compatible Sensors
Thermocouple Sensor Types
J: –210 °C to 1200 °C
T: –270 °C to 400 °C
K: –270 °C to 1372 °C
N: –270 °C to 1300 °C
R: –50 °C to 1768 °C
E: –270 °C to 1000 °C
S: –50 °C to 1768 °C
B: 0 °C to 1820 °C
Accuracy
Refer to the user’s guide for thermocouple and voltage measurement accuracy tables.
Throughput Rate
The maximum throughput is 1.1 kS/s aggregate. Users can set conversion rates
on a per-channel basis. Refer to the hardware user’s guide for single- and multi-
channel throughput rates.
Analog Voltage Output (USB-2416-4AO only)
Leave unused VDACx channels disconnected. The output voltage defaults to 0 V
when the host PC is reset, shut down or suspended. The duration of the output
transient depends on the enumeration process of the host PC. Typically, the output
of the USB-2416-4AO is stable after two seconds.
Digital to analog converter: DAC8555
Number of channels: 4, 16-bit
Output ranges
Calibrated: ±10 V
Uncalibrated: ±10.05 V, software configurable
Output transient: Host PC is reset, powered on, suspended or a reset command
is issued to device
Duration: 2 s
Amplitude: 2 V p-p
Initial power on
Duration: 50 ms
Amplitude: 5 V peak
Differential non-linearity: ±25 LSB, typ, ±1 LSB max
Output current: VDACx pins, ±3.5 mA max
Output short-circuit protection: VDACx connected to AGND, unlimited duration
Output coupling: DC
VDACx readback: Each output independently measured by the A/D converter,
Power on and reset state: DACs cleared to zero-scale, 0 V, ±50 mV
Output noise: 30 µVrms
Settling time: To rated accuracy, 10 V step, 45 µs
Slew rate: 1.0 V/µs
Throughput
Single-channel: 1000 S/s max, system-dependent
Multi-channel: 1000 S/s /#ch max, system-dependent
Calibrated absolute accuracy
Range: ±10 V
Accuracy (±LSB): 16.0
Calibrated absolute accuracy components
Range: ±10 v
% of reading: ±0.0183
Offset (±mV): 1.831
Temp drift (%/°C): 0.00055
Absolute accuracy at FS (±mV): 3.661
Relative accuracy
Range: ±10 V
R
elative accuracy (±LSB): 4.0 typical
Digital Input
Number of I/O: 8
Configuration: independently read from (DIN) or written to (DOUT)
Input voltage range: 0 V to 15 V
Input type: CMOS (Schmitt trigger)
Input characteristics: 47 kW pull-up/pull-down resistor, 28 kW series resistor
Maximum input voltage range: 0 V to 20 V max (power on/off, relative to DGND)
Pull-up/pull-down configuration: All pins pulled up to +5 V via individual 47 kΩ
resistors; pull-down is available with an onboard jumper.
Transfer rate (software paced): 500 port reads or single bit reads per second typical.
Input high voltage: 1.3 V min, 2.2 V max
Input low voltage: 1.5 V max, 0.6 V min
Schmitt trigger hysteresis: 0.4 V min, 1.2 V max
Digital Output
Number of I/O: 8
Configuration: independently read from (DIN) or written to (DOUT)
Output characteristics: 47 kΩ pull-up, open drain (DMOS transistor)
Pull-up configuration: All pins pulled up to +5 V via individual 47 kΩ resistors.
Transfer rate (software paced)
Digital output: 500 port writes or single bit writes per second typical.
Output voltage range: 0 V to 5 V (no external pull up resistor, internal 47 kΩ
pull-up resistors connected to 5 V by default); 0 V to 15 V max
Drain to source breakdown voltage: 50 V min
Off state leakage current: 0.1 µA
Sink current capability: 150 mA max (continuous) per output pin, 150 mA max
(continuous) for all eight channels
DMOS transistor on-resistance (drain to source): 4 Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com