Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-2416 Series
September 2019. Rev 9
USB-2416-Series.indd
© Measurement Computing Corporation
Counter Input
Pin name: CTR0, CTR1
Number of channels: 2
Resolution: 32-bits
Counter type: Event counter
Input type: Schmitt trigger, rising edge triggered
Counter read/writes rates: System dependent, 500 reads per second
Input characteristics: Each CTRx input pin, 562 kΩ to +5 V, 10 kΩ series resistor
Input voltage range: ±15 V max
Maximum input voltage range: CTR0,CTR1 relative to GND and DGND,
±20 V max (power on/off)
Input high voltage: 1.3 V min, 2.2 V max
Input low voltage: 1.5 V max, 0.6 V min
Schmitt trigger hysteresis: 0.4 V min, 1.2 V max
Input bandwidth (–3 dB): 1 MHz
Input capacitance: 25 pf
Input leakage current: ±120 nA
Input frequency: 1 MHz, max
High pulse width: 500 ns, min
Low pulse width: 500 ns, min
Mechanical
Dimensions (L × W × H): 245 × 146 × 50 mm (9.65 × 5.75 × 1.97 in.)
User connection length: 5 m (16.40 ft) max
Environmental
Operating temperature range: 0 °C to 50 °C max
Storage temperature range: –40 to 85 °C max
Humidity: 0 to 90% non-condensing max
These specifications do not apply to the AC power adapter.
Power
Supply current: Quiescent current, 340 mA
Voltage supervisor limits: 4.5 V > V
ext or Vext > 5.5 V
PWR LED = Off, (power
fault); 4.5 V < V
ext < 5.5 V, PWR LED = On
+
5 V user output voltage range: 4.9 V min to 5.1 V max
User +5V user output current: Available at terminal block pin 35, 10 mA max
Isolation: Measurement system to PC, 500 VDC min
AC power adapter: MCC p/n PS-5V2AEPS; included with hardware
External power input: +5 VDC, 2.4 A, 12 Watt, 5% regulation
Ordering
Order Information
Hardware
Part No.
Description
USB-2416
24-bit, isolated, high-channel-count USB DAQ device.
Includes USB cable and power adapter.
USB-2416-4AO
24-bit, isolated, high-channel-count, USB DAQ device
with 4 analog outputs. Includes USB cable and power
adapter.
AI-EXP32
Analog input expansion module for USB-2416 Series
Accessories
Part No.
Description
ACC-202
DIN-rail kit.
ACC-216
Connector kit with 6 detachable screw terminals.
PS-5V2AEPS
Replacement power supply, 12-watt. Interchangeable
plugs are available separately.
745690-E001
E-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-E002
E-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
745690-J001
J-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-J002
J-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
745690-K001
K-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-K002
K-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
745690-T001
T-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-T002
T-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software
The USB-2416 Series docked to the AI-EXP32



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com