Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 2 Page - Texas Instruments

  OPAX607 Datasheet HTML 1Page - Texas Instruments OPAX607 Datasheet HTML 2Page - Texas Instruments OPAX607 Datasheet HTML 3Page - Texas Instruments OPAX607 Datasheet HTML 4Page - Texas Instruments OPAX607 Datasheet HTML 5Page - Texas Instruments OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................4
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 7
7.1 Absolute Maximum Ratings........................................ 7
7.2 ESD Ratings............................................................... 7
7.3 Recommended Operating Conditions.........................7
7.4 Thermal Information: OPA863.................................... 8
7.5 Thermal Information: OPA2863.................................. 8
7.6 Thermal Information: OPA4863.................................. 8
7.7 Electrical Characteristics: VS = 10 V ..........................9
7.8 Electrical Characteristics: VS = 3 V........................... 11
7.9 Typical Characteristics: VS = 10 V............................ 13
7.10 Typical Characteristics: VS = 3 V............................ 18
7.11 Typical Characteristics: VS = 3 V to 10 V................ 20
8 Detailed Description......................................................22
8.1 Overview................................................................... 22
8.2 Functional Block Diagram......................................... 22
8.3 Feature Description...................................................23
8.4 Device Functional Modes..........................................24
9 Application and Implementation.................................. 25
9.1 Application Information............................................. 25
9.2 Low-Side Current Sensing........................................ 25
9.3 Front-End Gain and Filtering.....................................26
9.4 Low-Power SAR ADC Driver and Reference
Buffer...........................................................................27
9.5 Variable Reference Generator Using MDAC............ 27
9.6 Clamp-On Ultrasonic Flow Meter..............................28
10 Power Supply Recommendations..............................29
11 Layout........................................................................... 29
11.1 Layout Guidelines................................................... 29
11.2 Layout Example...................................................... 30
12 Device and Documentation Support..........................31
12.1 Documentation Support.......................................... 31
12.2 Receiving Notification of Documentation Updates..31
12.3 Support Resources................................................. 31
12.4 Trademarks.............................................................31
12.5 Electrostatic Discharge Caution..............................31
12.6 Glossary..................................................................31
13 Mechanical, Packaging, and Orderable
Information.................................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (August 2022) to Revision I (December 2022)
Page
• Changed the statuts of the DBV package, 5-pin SOT23 from: preview to: production ......................................1
Changes from Revision G (July 2022) to Revision H (August 2022)
Page
• Changed the status of the RUN Package, from: preview to: production ........................................................... 4
Changes from Revision F (April 2022) to Revision G (July 2022)
Page
• Added OPAx863A information to the Features section...................................................................................... 1
• Added the DBV package, 5-pin SOT23 to the data sheet.................................................................................. 1
• Changed the status of the D Package, from: preview to: production .................................................................4
• Updated the Output Voltage vs Load Current and Output Voltage vs Load Current figures to show typical
device performance.......................................................................................................................................... 13
Changes from Revision E (November 2021) to Revision F (April 2022)
Page
• Added the D package, 8-pin SOIC and RUN package, 10-pin WQFN to the data sheet................................... 1
Changes from Revision D (July 2021) to Revision E (November 2021)
Page
• Updated the title of the data sheet......................................................................................................................1
• Updated the Description section.........................................................................................................................1
• Changed the status of the DBV Package, from: preview to: production ............................................................4
• Removed footnote from Electrical Characteristics: 10 V and Electrical Characteristics: 3 V tables................... 9
• Removed the links to the Noninverting and Inverting Amplifier figures in the Typical Characteristics: VS = 10
V, Typical Characteristics: VS = 3 V, and Typical Characteristics: VS = 3 V to 10 V sections...........................13
• Updated the title of the Frequency Response vs Load Capacitance, Frequency Response vs Ambient
Temperature, and Frequency Response vs Output Voltage figures in the Typical Characteristics: VS = 10 V
section.............................................................................................................................................................. 13
OPA863, OPA2863, OPA4863
SBOS982I – JUNE 2020 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com