Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments OPAX607 Datasheet HTML 30Page - Texas Instruments OPAX607 Datasheet HTML 31Page - Texas Instruments OPAX607 Datasheet HTML 32Page - Texas Instruments OPAX607 Datasheet HTML 33Page - Texas Instruments OPAX607 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
11.1.1 Thermal Considerations
The OPAx863 does not require heat sinking or airflow in most applications. The maximum allowed junction
temperature sets the maximum allowed internal power dissipation. Do not allow the maximum junction
temperature to exceed 150°C.
Operating junction temperature (TJ) is given by,
TJ = TA + PD x RƟJA
(4)
where,
• TA is the ambient temperature
• PD is the total power dissipation internal to the amplifier
• RƟJA is the junction-to-ambient thermal resistance
The total power dissipation PD = PDQ + PDL
where, PDQ = (VS+ ‐ VS-) x IQ, is the power dissipation due to amplifier's quiescent current
and PDL(max) = VS 2 / (4 × RL), is the internal power dissipation due to output load current
As a worst-case example, compute the maximum TJ using an OPA2863-DGK (VSSOP package) configured as
a unity gain buffer, operating on ±6-V supplies at an ambient temperature of 25°C and driving a grounded 500-Ω
load.
PD = 12 V × 2 mA + 62 /(4 × 500 Ω) = 42 mW
(5)
Maximum TJ = 25°C + (0.042 W × 180.3°C/W) = 33°C, which is well below the maximum allowed junction
temperature of 150°C.
11.2 Layout Example
Place bypass capacitors
close t o power pins
Place gain and feedback r esistors close
to pins to mi nimize str ay capacit ance
Place ser ies output resistors close
to output pin to m inimi ze
par asitic capacitance
Ground and power plane removed
from inner layers. Ground fill on outer
layer s also removed
Ground and power plane exist on inner
layer s.
Place bypass capacitors
close t o power pins
Remove GND and Power plane under
output and i nv er ting pins to m inimize
stray PCB capacitance
C
BYP
R
F
R
G
+
t
V
S-
C
BYP
V
S+
Representati ve schematic of a
single channel
1
8
2
7
3
6
4
5
R
S
C
BYP
C
BYP
R
F
R
F
R
G
R
G
R
S
R
S
Figure 11-1. Layout Recommendation for Dual-Channel DGK Package
OPA863, OPA2863, OPA4863
SBOS982I – JUNE 2020 – REVISED DECEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com