Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSPL3JB1M00 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RSPL3JB1M00
Description  Flameproof Power Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSPL3JB1M00 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RSPL3JB1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 10/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSPF / RSPL Series
Flameproof Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Robust metal oxide film element
•
Flameproof design
•
Compact size
•
Useful in circuits where duty cycles require power resistors
•
Tin-plated copper leads
•
Cut and formed product is available on select sizes - contact Stackpole for details
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications - RSPF
Mechanical Specifications
Electrical Specifications - RSPL
Maximum
Maximum
Type / Code
Working
Overload
Voltage (V)
(1)
Voltage (V)
RSPF14
0.25
250
500
RSPF12
0.5
400
800
RSPF1
1
500
1000
RSPF2
2
500
1000
RSPF3
3
500
1000
- 200 ~ + 350
10 - 100K
2.2 - 1M
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Ohmic Range (
Ω) and Tolerance
1%, 2%
5%
0.13
0.07 ± 0.01
1.10 ± 0.12
0.02 ± 0.002
inches
3.20
1.82 ± 0.20
28.00 ± 3.00
0.45 ± 0.05
mm
0.24 ± 0.020
0.09 ± 0.01
1.10 ± 0.12
0.02 ± 0.002
inches
6.00 ± 0.50
2.30 ± 0.20
28.00 ± 3.00
0.55 ± 0.05
mm
0.35 ± 0.039
0.12 ± 0.02
1.10 ± 0.12
0.03 ± 0.002
inches
9.00 ± 1.00
3.00 ± 0.50
28.00 ± 3.00
0.70 ± 0.05
mm
0.43 ± 0.039
0.16 ± 0.02
1.10 ± 0.12
0.03 ± 0.002
inches
11.00 ± 1.00
4.00 ± 0.50
28.00 ± 3.00
0.80 ± 0.05
mm
0.59 ± 0.039
0.22 ± 0.04
1.38 ± 0.12
0.03 ± 0.002
inches
15.00 ± 1.00
5.50 ± 1.00
35.00 ± 3.00
0.80 ± 0.05
mm
+0.20 / -0
RSPF2 / RSPL2
RSPF3 / RSPL3
Type / Code
Unit
RSPF12 / RSPL12
RSPF1 / RSPL1
RSPF14 / RSPL14
A
B
C
D
Body Length
Body Diameter
Lead Length (Bulk)
Lead Diameter
+0.008 / -
Maximum
Maximum
Type / Code
Working
Overload
Voltage (V)
(1)
Voltage (V)
RSPL14
0.25
RSPL12
0.5
RSPL1
1
RSPL2
2
RSPL3
3
(1) Lesser of
or maximum working voltage
x 2.5
- 200 ~ + 350
-
0.1 - 2
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Ohmic Range (
Ω) and Tolerance
1%, 2%
5%
√ P*R
√ P*R
√ P*R


Similar Part No. - RSPL3JB1M00

ManufacturerPart #DatasheetDescription
logo
Altech corporation
RSP-1 ALTECH-RSP-1 Datasheet
502Kb / 2P
RS Series Relay Modules
logo
Mean Well Enterprises C...
RSP-100 MEANWELL-RSP-100 Datasheet
144Kb / 2P
100W Single Output with PFC Function
RSP-1000 MEANWELL-RSP-1000 Datasheet
301Kb / 6P
1000W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1000 RSG-RSP-1000 Datasheet
185Kb / 6P
1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000 Datasheet
296Kb / 6P
1000W Single Output Power Supply
More results

Similar Description - RSPL3JB1M00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
Flameproof Power Oxide Resistors
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
WP-S WELWYN-WP-S Datasheet
451Kb / 4P
Compact Flameproof Power Wirewound Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
MFP16802FR IRCTT-MFP16802FR Datasheet
1Mb / 3P
Flameproof Power Metal Film Resistor
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
TT Electronics.
MF-S TTELEC-MF-S Datasheet
304Kb / 3P
Flameproof protection
PWHW TTELEC-PWHW Datasheet
353Kb / 2P
Flameproof package
logo
Vishay Siliconix
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
15-Feb-17
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com