Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSPL3JB1M00 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RSPL3JB1M00
Description  Flameproof Power Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSPL3JB1M00 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RSPL3JB1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 10/22/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSPF / RSPL Series
Flameproof Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Repetitive Pulse Information:
If repetitive pulses are applied to resistors, pulse wave form must be less than “pulse limiting voltage”, “pulse limiting
current” or “pulse limiting wattage” calculated by the formula below.
Where: Vp:
Pulse limiting voltage (V)
lp:
Pulse limiting current (A)
Pp:
Pulse limiting wattage (W)
P:
Power rating (W)
R:
Nominal resistance (ohm)
T:
Repetitive period (sec)
t:
Pulse duration (sec)
K:
Coefficient: 0.9
[Vr:
Rated Voltage (V), Ir: Rated Current (A)]
Note 1:
If T > 10 → T = 10 (sec), T / t > 1000 → T / t = 1000
Note 2:
If T > 10 and T / t > 1000, “Pulse Limiting power (Single pulse) is applied
Note 3:
If Vp < Vr (lp < lr or Pp < P), Vr (lr, P) is Vp (lp, Pp)
Note 4:
Pulse limiting voltage (current, wattage) is applied at less than rated ambient temperature.
If ambient temperature is more than the rated temperature (70°C), decrease power rating according to “Power
Derating Curve”
Note 5:
Assure sufficient margin for use period and conditions for “pulse limiting voltage”
Note 6:
If the pulse waveform is not square wave, judge after transform the waveform into square
wave according to the “Waveform Transformation to Square Wave”.
Performance Characteristics
Test
Test Results
Short Time Overload
± (0.75% + 0.05Ω)
Moisture Resistance
± (5% + 0.05Ω)
Load Life @ 70ºC - 1000 hours
± (5% + 0.05Ω)
Dielectric Withstanding Voltage
± (5% + 0.05Ω)
Resistance to Solvent
Permanent marking no physical damage or deterioration
Operating temperature range is -55ºC to +155ºC
Vp =
K√P x R x T/t
lp =
K√P/R x T/t
Pp = K
2 x P x T/t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com