Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSPL3JB1M00 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RSPL3JB1M00
Description  Flameproof Power Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSPL3JB1M00 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  RSPL3JB1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSPL3JB1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 10/22/2020
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSPF / RSPL Series
Flameproof Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
R
S
P
F
1
2
J
B
1
0
R
0
How to Order
Resistance Value
RSPF Flameproof
Size
W
Code
Tol
Value
Code
Description
Size
Quantity
RSPL Low values
14
0.25
F
1%
E96, E24
RSPF14, RSPL14
12
0.5
G
2%
RSPF12, RSPL12
1
1
J
5%
RSPF1, RSPL1
2
2
RSPF2, RSPL2
3
3
RSPF3, RSPL3
1000
2.2 ohm = 2R20
RSPF14, RSPL14
2000
10 Kohm = 10K0
RSPF12, RSPL12
1 Mohm = 1M00
RSPF1, RSPL1
RSPF2, RSPL2
RSPF3, RSPL3
RSPF14, RSPL14
5000
RSPF12, RSPL12
RSPF1, RSPL1
RSPF2, RSPL2
1000
RSPF3, RSPL3
500
(*)
Ammo
Product Series
Tolerance
Packaging
Power Rating
Four characters
with the multiplier
used as the
decimal holder.
5000
E24
(*) Minimum order quantity of 1000 pieces
2500
2000
T
Tape and Reel
B
Bulk
1000
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com