Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XIO2000 Datasheet(PDF) 23 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 23 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 19Page - Texas Instruments XIO2000 Datasheet HTML 20Page - Texas Instruments XIO2000 Datasheet HTML 21Page - Texas Instruments XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments XIO2000 Datasheet HTML 24Page - Texas Instruments XIO2000 Datasheet HTML 25Page - Texas Instruments XIO2000 Datasheet HTML 26Page - Texas Instruments XIO2000 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 150 page
background image
Introduction
11
November 2005
SCPS097B
Table 2−8. PCI System Terminals
SIGNAL
BALL
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
AD31
AD30
AD29
AD28
AD27
AD26
AD25
AD24
AD23
AD22
AD21
AD20
AD19
AD18
AD17
AD16
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
P02
P01
N02
N01
M02
M01
L04
L03
L01
K03
K02
K01
J02
J03
H02
H03
D02
C01
C02
B01
A02
B03
A03
C04
B05
A05
B06
A06
D07
C07
B07
A07
I/O
PCI
Bus
VCCP
−
PCI address data lines
C/BE[3]
C/BE[2]
C/BE[1]
C/BE[0]
L02
H01
D01
B04
I/O
PCI
Bus
VCCP
−
PCI command byte enables
DEVSEL
F01
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI device select
FRAME
G01
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI frame
GNT5
GNT4
GNT3
GNT2
GNT1
GNT0
A14
C12
C11
A10
A09
A08
O
PCI
Bus
VCCP
−
PCI grant outputs. These signals are used for arbitration when
the PCI bus is the secondary bus and an external arbiter is not
used. GNT0 is used as the REQ for the bridge when an external
arbiter is used.
INTA
INTB
INTC
INTD
R02
T01
U02
T03
I
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI interrupts A−D. These signals are interrupt inputs to the
bridge on the secondary PCI bus.
IRDY
G02
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI initiator ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com