Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XIO2000 Datasheet(PDF) 22 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 18Page - Texas Instruments XIO2000 Datasheet HTML 19Page - Texas Instruments XIO2000 Datasheet HTML 20Page - Texas Instruments XIO2000 Datasheet HTML 21Page - Texas Instruments XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments XIO2000 Datasheet HTML 24Page - Texas Instruments XIO2000 Datasheet HTML 25Page - Texas Instruments XIO2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 150 page
background image
Introduction
10
November 2005
SCPS097B
Table 2−6. PCI Express Terminals
SIGNAL
BALL
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PERST
J17
I
LV
CMOS
VDD_33_
COMBIO
−
PCI Express reset input. The PERST signal identifies when the
system power is stable and generates an internal power on reset.
Note: The PERST input buffer has hysteresis.
REF0_PCIE
REF1_PCIE
L16
L17
I/O
BIAS
−
External
resistor
External reference resistor + and − terminals for setting TX driver
current. An external resistor is connected between terminals L16
and L17.
RXP
RXN
E17
E16
DI
HS
DIFF IN
VSS
−
High-speed receive pair. RXP and RXN comprise the differential
receive pair for the single PCI Express lane supported.
TXP
TXN
H17
H16
DO
HS
DIFF
OUT
VDD_15
Series
capacitors
High-speed transmit pair. TXP and TXN comprise the differential
transmit pair for the single PCI Express lane supported.
WAKE
M16
O
LV
CMOS
VDD_33_
COMBIO
−
Wake is an active low signal that is driven low to reactivate the
PCI Express link hierarchy’s main power rails and reference
clocks.
Note: Since WAKE is an open-drain output buffer, a system side
pullup resistor is required.
Table 2−7. Clock Terminals
SIGNAL
BALL
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
REFCLK_SEL
A16
I
LV
CMOS
VDD_33
Pullup or
pulldown
resistor
Reference clock select. This terminal selects the
reference clock input.
0 = 100-MHz differential common reference clock used.
1 = 125-MHz single-ended, reference clock used.
REFCLK+
C17
DI
HS
DIFF
IN
VDD_33
−
Reference clock. REFCLK+ and REFCLK− comprise
the differential input pair for the 100-MHz system
reference clock. For a single-ended, 125-MHz system
reference clock, use the REFCLK+ input.
REFCLK−
C16
DI
HS
DIFF
IN
VDD_33
Capacitor to
VSS for
single-ended
mode
Reference clock. REFCLK+ and REFCLK− comprise
the differential input pair for the 100-MHz system
reference clock. For a single-ended, 125-MHz system
reference clock, attach a capacitor from REFCLK− to
VSS.
CLK
P03
I
PCI
Bus
VCCP
−
PCI clock input. This is the clock input to the PCI bus
core.
CLKOUT0
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
CLKOUT5
CLKOUT6
C08
B09
B10
A11
A12
A13
B14
O
PCI
Bus
VCCP
−
PCI clock outputs. These clock outputs are used to
clock the PCI bus. If the bridge PCI bus clock outputs
are used, then CLKOUT6 must be connected to the
CLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com